Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 52Page - Renesas Technology Corp R8C Datasheet HTML 53Page - Renesas Technology Corp R8C Datasheet HTML 54Page - Renesas Technology Corp R8C Datasheet HTML 55Page - Renesas Technology Corp R8C Datasheet HTML 56Page - Renesas Technology Corp R8C Datasheet HTML 57Page - Renesas Technology Corp R8C Datasheet HTML 58Page - Renesas Technology Corp R8C Datasheet HTML 59Page - Renesas Technology Corp R8C Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 56 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Note:
1.
When the digital filter is disabled.
Table 5.5
Gain Amplifier Characteristics
(VSS = 0 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VGAIN
Gain amplifier operating range
0.4
—
AVCC
− 1.0
V
φAD
A/D conversion clock
1
—
5
MHz
Table 5.6
Comparator B Characteristics
(VCC = 1.8 to 5.5 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference voltage
0
–
VCC
− 1.4
V
VI
IVCMP1, IVCMP3 input voltage
−0.3
–
VCC
+ 0.3
V
−
Offset
–
5
100
mV
td
Comparator output delay time (1)
VI = Vref ± 100 mV
–
–
1
µs
ICMP
Comparator operating current
VCC = 5.0 V
–
12
–
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com