Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 9Page - Renesas Technology Corp R8C Datasheet HTML 10Page - Renesas Technology Corp R8C Datasheet HTML 11Page - Renesas Technology Corp R8C Datasheet HTML 12Page - Renesas Technology Corp R8C Datasheet HTML 13Page - Renesas Technology Corp R8C Datasheet HTML 14Page - Renesas Technology Corp R8C Datasheet HTML 15Page - Renesas Technology Corp R8C Datasheet HTML 16Page - Renesas Technology Corp R8C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 13 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
Figure 1.6
Block Diagram of R8C/LA5A Group
Watchdog timer
(14 bits)
System clock generation
circuit
XIN-XOUT
High-speed on-chip oscillator
Low-speed on-chip oscillator
XCIN-XCOUT
RAM (2)
Multiplier
Timers
Timer RB (8 bits
× 2)
Timer RC (16 bits
× 1)
Timer RH
Timer RJ (16 bits
× 2)
R8C CPU core
Memory
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
A/D converter
(10 bits
× 7 channels)
UART or
clock synchronous serial I/O
(8
bits
× 1)
I2C bus or SSU
(8
bits
× 1)
ROM (1)
Peripheral functions
LCD drive control circuit
Common output: Max. 4 pins
Segment output: Max. 27 pins
Temperature Sensor
8
2
3
Comparator B 2 ch
Notes:
1. ROM capacity varies with MCU type.
2. RAM capacity varies with MCU type.
Port P0
8
Port P2
8
Port P3
8
Port P5
7
Voltage detection circuit
Low-speed on-chip oscillator
for watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com