Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp R8C Datasheet HTML 47Page - Renesas Technology Corp R8C Datasheet HTML 48Page - Renesas Technology Corp R8C Datasheet HTML 49Page - Renesas Technology Corp R8C Datasheet HTML 50Page - Renesas Technology Corp R8C Datasheet HTML 51Page - Renesas Technology Corp R8C Datasheet HTML 52Page - Renesas Technology Corp R8C Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 49 of 102
Dec 21, 2010
X: Undefined
Note:
1. Blank spaces are reserved. No access is allowed.
Table 4.17
SFR Information for R8C/LA8A Group (8) (1)
Address
Register
Symbol
After Reset
01C0h
Address Match Interrupt Register 0
RMAD0
XXh
01C1h
XXh
01C2h
0000XXXXb
01C3h
Address Match Interrupt Enable Register 0
AIER0
00h
01C4h
Address Match Interrupt Register 1
RMAD1
XXh
01C5h
XXh
01C6h
0000XXXXb
01C7h
Address Match Interrupt Enable Register 1
AIER1
00h
01C8h
01C9h
01CAh
01CBh
01CCh
01CDh
01CEh
01CFh
01D0h
01D1h
01D2h
01D3h
01D4h
01D5h
01D6h
01D7h
01D8h
01D9h
01DAh
01DBh
01DCh
01DDh
01DEh
01DFh
01E0h
Port P0 Pull-Up Control Register
P0PUR
00h
01E1h
Port P1 Pull-Up Control Register
P1PUR
00h
01E2h
Port P2 Pull-Up Control Register
P2PUR
00h
01E3h
Port P3 Pull-Up Control Register
P3PUR
00h
01E4h
Port P4 Pull-Up Control Register
P4PUR
00h
01E5h
Port P5 Pull-Up Control Register
P5PUR
00h
01E6h
Port P6 Pull-Up Control Register
P6PUR
00h
01E7h
Port P7 Pull-Up Control Register
P7PUR
00h
01E8h
Port P8 Pull-Up Control Register
P8PUR
00h
01E9h
Port P9 Pull-Up Control Register
P9PUR
00h
01EAh
01EBh
01ECh
01EDh
01EEh
01EFh
01F0h
Port P7 Drive Capacity Control Register
P7DRR
00h
01F1h
Port P8 Drive Capacity Control Register
P8DRR
00h
01F2h
01F3h
01F4h
01F5h
Input Threshold Control Register 0
VLT0
00h
01F6h
Input Threshold Control Register 1
VLT1
00h
01F7h
Input Threshold Control Register 2
VLT2
00h
01F8h
Comparator B Control Register 0
INTCMP
00h
01F9h
01FAh
External Input Enable Register 0
INTEN
00h
01FBh
External Input Enable Register 1
INTEN1
00h
01FCh
INT Input Filter Select Register 0
INTF
00h
01FDh
INT Input Filter Select Register 1
INTF1
00h
01FEh
Key Input Enable Register 0
KIEN
00h
01FFh
Key Input Enable Register 1
KIEN1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com