Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 23Page - Renesas Technology Corp R8C Datasheet HTML 24Page - Renesas Technology Corp R8C Datasheet HTML 25Page - Renesas Technology Corp R8C Datasheet HTML 26Page - Renesas Technology Corp R8C Datasheet HTML 27Page - Renesas Technology Corp R8C Datasheet HTML 28Page - Renesas Technology Corp R8C Datasheet HTML 29Page - Renesas Technology Corp R8C Datasheet HTML 30Page - Renesas Technology Corp R8C Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 27 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
I: Input
O: Output
I/O: Input and output
Note:
1. Contact the oscillator manufacturer for oscillation characteristics.
Table 1.20
Pin Functions for R8C/LA8A Group (1)
Item
Pin Name
I/O Type
Description
Power supply input VCC, VSS
—
Apply 1.8 V to 5.5 V to the VCC pin.
Apply 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
—
Power supply for the A/D converter.
Connect a capacitor between AVCC and AVSS.
Reset input
RESET
I
Driving this pin low resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
Power-off 0 mode
exit input
WKUP0
I
This pin is provided for input to exit the mode used in power-off
0 mode. Connect to VSS when not using power-off 0 mode.
WKUP1
I
This pin is provided for input to exit the mode used in power-off
0 mode.
XIN clock input
XIN
I
These pins are provided for XIN clock generation circuit I/O.
Connect a ceramic oscillator or a crystal oscillator between pins
XIN and XOUT. (1) To use an external clock, input it to the XIN
pin and set XOUT as the I/O port P9_1. When the pin is not
used, treat it as an unassigned pin and use the appropriate
handling.
XIN clock output
XOUT
O
XCIN clock input
XCIN
I
These pins are provided for XCIN clock generation circuit I/O.
Connect a crystal oscillator between pins XCIN and XCOUT. (1)
To use an external clock, input it to the XCIN pin and leave the
XCOUT pin open.
XCIN clock output
XCOUT
O
INT interrupt input
INT0 to INT7
IINT interrupt input pins.
Key input interrupt
KI0 to KI7
I
Key input interrupt input pins
Timer RB
TRB0O, TRB1O
O
Timer RB output pin
Timer RC
TRCCLK
I
External clock input pin
TRCTRG
I
External trigger input pin
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O pins
Timer RH
TRHO
O
Timer RH output pin
Timer RJ
TRJ0IO, TRJ1IO,
TRJ2IO
I/O
Timer RJ I/O pins
TRJ0IO, TRJ1IO,
TRJ2IO
O
Timer RJ output pins
Serial interface
CLK0, CLK2
I/O
Transfer clock I/O pins
RXD0, RXD2
I
Serial data input pins
TXD0, TXD2
O
Serial data output pins
CTS2
I
Transmission control input pin
RTS2
O
Reception control output pin
SCL2
I/O
I2C mode clock I/O pin
SDA2
I/O
I2C mode data I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com