Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 86Page - Renesas Technology Corp R8C Datasheet HTML 87Page - Renesas Technology Corp R8C Datasheet HTML 88Page - Renesas Technology Corp R8C Datasheet HTML 89Page - Renesas Technology Corp R8C Datasheet HTML 90Page - Renesas Technology Corp R8C Datasheet HTML 91Page - Renesas Technology Corp R8C Datasheet HTML 92Page - Renesas Technology Corp R8C Datasheet HTML 93Page - Renesas Technology Corp R8C Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 90 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Note:
1.
This applies when the drive capacity of the output transistor is set to High by registers P7DRR and P8DRR. When the drive
capacity is set to Low, the value of any other pin applies.
Table 5.51
DC Characteristics (5) [1.8 V
≤ Vcc < 2.7 V]
(Topr =
−20 to 85°C (N version)/ −40 to 85°C (D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Port P7_0, P7_1, P8 (1)
IOH =
−2 mA VCC − 0.5
–
VCC
V
Other pins
IOH =
−1 mA VCC − 0.5
–
VCC
V
VOL
Output “L” voltage
Port P7_0, P7_1, P8 (1)
IOL = 2 mA
–
–
0.5
V
Other pins
IOL = 1 mA
–
–
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT2,
INT3, INT4, INT5,
INT6, INT7,
KI0, KI1, KI2, KI3,
KI4, KI5, KI6, KI7,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRJ0IO, TRJ1IO,
TRJ2IO, TRCTRG,
TRCCLK, ADTRG,
RXD0, RXD2, CLK0,
CLK2, SSI, SCL,
SDA, SSO
0.05
0.4
–
V
RESET, WKUP0
0.1
0.8
–
V
IIH
Input “H” current
VI = 1.8 V, VCC = 1.8 V
–
–
4.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 1.8 V
–
–
−4.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 1.8 V
85
220
500
k
Ω
RfXIN
Feedback resistance XIN
–
2.0
–
M
Ω
RfXCIN
Feedback resistance XCIN
–
14
–
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com