Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 71Page - Renesas Technology Corp R8C Datasheet HTML 72Page - Renesas Technology Corp R8C Datasheet HTML 73Page - Renesas Technology Corp R8C Datasheet HTML 74Page - Renesas Technology Corp R8C Datasheet HTML 75Page - Renesas Technology Corp R8C Datasheet HTML 76Page - Renesas Technology Corp R8C Datasheet HTML 77Page - Renesas Technology Corp R8C Datasheet HTML 78Page - Renesas Technology Corp R8C Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 75 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Figure 5.10
Input and Output Timing of Serial Interface
Notes:
1.
When selecting the digital filter by the INTi input filter select bit, use an INTi input HIGH width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
2.
When selecting the digital filter by the INTi input filter select bit, use an INTi input LOW width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
Figure 5.11
Input Timing of External Interrupt INTi and Key Input Interrupt KIi
Table 5.28
Timing Requirements of Serial Interface
(VSS = 0 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°CVCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(CK)
CLK0 input cycle time
800
–
300
–
200
–
ns
tW(CKH)
CLK0 input “H” width
400
–
150
–
100
–
ns
tW(CKL)
CLK0 input “L” width
400
–
150
–
100
–
ns
td(C-Q)
TXD0 output delay time
–
200
–
80
–
50
ns
th(C-Q)
TXD0 hold time
0–
0–0–
ns
tsu(D-C)
RXD0 input setup time
150
–
70
–
50
–
ns
th(C-D)
RXD0 input hold time
90
–
90
–
90
–
ns
Table 5.29
Timing Requirements of External Interrupt INTi (i = 0 to 3, 5, 7) and Key Input Interrupt
KIi (i = 0 to 7)
(VSS = 0 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°CVCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tW(INH)
INTi input “H” width, KIi input “H” width
1000 (1)
–
380 (1)
–
250 (1)
–ns
tW(INL)
INTi input “L” width, KIi input “L” width
1000 (2)
–
380 (2)
–
250 (2)
–ns
tW(CKH)
tC(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLK0
TXD0
RXD0
INTi input
(i = 0 to 3, 5, 7)
tW(INL)
tW(INH)
KIi input
(i = 0 to 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com