Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 28Page - Renesas Technology Corp R8C Datasheet HTML 29Page - Renesas Technology Corp R8C Datasheet HTML 30Page - Renesas Technology Corp R8C Datasheet HTML 31Page - Renesas Technology Corp R8C Datasheet HTML 32Page - Renesas Technology Corp R8C Datasheet HTML 33Page - Renesas Technology Corp R8C Datasheet HTML 34Page - Renesas Technology Corp R8C Datasheet HTML 35Page - Renesas Technology Corp R8C Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
3. Memory
R01DS0011EJ0100 Rev.1.00
Page 32 of 102
Dec 21, 2010
3.
Memory
Figure 3.1 is a Memory Map of each group. Each group has a 1-Mbyte address space from addresses 00000h to
FFFFFh. For example, a 48-Kbyte internal ROM area is allocated addresses 04000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated addresses 03000h to 037FFh.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 3.5-Kbyte internal
RAM area is allocated addresses 00400h to 011FFh. The internal RAM is used not only for data storage but also as a
stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh and 02C00h to 02FFFh. Peripheral
function control registers are allocated here. All unallocated spaces within the SFRs are reserved and cannot be
accessed by users.
Figure 3.1
Memory Map
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
0FFFFh
0FFDCh
ZZZZZh
Internal ROM
(program ROM)
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
Address break
(Reserved)
Reset
037FFh
03000h
Internal ROM
(data flash) (1)
02C00h
02FFFh
Reserved area
0FFD8h
Part Number
Internal ROM
Internal RAM
Capacity
Address
0YYYYh
Capacity
Address
0XXXXh
Address
ZZZZZh
Data
Flash
Available
16 Kbytes
0C000h
0FFFFh
2 Kbytes
00BFFh
R5F2LA34ANFP, R5F2LA34ADFP,
R5F2LA54ANFP, R5F2LA54ADFP,
R5F2LA64ANFP, R5F2LA64ANFA, R5F2LA64ADFP, R5F2LA64ADFA,
R5F2LA84ANFP, R5F2LA84ANFA, R5F2LA84ADFP, R5F2LA84ADFA
SFR
(Refer to 4. Special
Function Registers
(SFRs))
SFR
(Refer to 4. Special
Function Registers
(SFRs))
8 Kbytes
0E000h
0FFFFh
2 Kbytes
00BFFh
R5F2LA32ANFP, R5F2LA32ADFP,
R5F2LA52ANFP, R5F2LA52ADFP
R5F2LA36ANFP, R5F2LA36ADFP,
R5F2LA56ANFP, R5F2LA56ADFP,
R5F2LA66ANFP, R5F2LA66ANFA, R5F2LA66ADFP, R5F2LA66ADFA,
R5F2LA86ANFP, R5F2LA86ANFA, R5F2LA86ADFP, R5F2LA86ADFA
R5F2LA67ANFP, R5F2LA67ANFA, R5F2LA67ADFP, R5F2LA67ADFA,
R5F2LA87ANFP, R5F2LA87ANFA, R5F2LA87ADFP, R5F2LA87ADFA
R5F2LA38ANFP, R5F2LA38ADFP,
R5F2LA58ANFP, R5F2LA58ADFP,
R5F2LA68ANFP, R5F2LA68ANFA, R5F2LA68ADFP, R5F2LA68ADFA,
R5F2LA88ANFP, R5F2LA88ANFA, R5F2LA88ADFP, R5F2LA88ADFA
32 Kbytes
08000h
0FFFFh
2 Kbytes
00BFFh
48 Kbytes
04000h
0FFFFh
3.5 Kbytes
011FFh
64 Kbytes
04000h
13FFFh
3.5 Kbytes
011FFh
Notes:
1. Data flash indicates block A (1 Kbyte) and block B (1 Kbyte).
2. Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com