Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 51Page - Renesas Technology Corp R8C Datasheet HTML 52Page - Renesas Technology Corp R8C Datasheet HTML 53Page - Renesas Technology Corp R8C Datasheet HTML 54Page - Renesas Technology Corp R8C Datasheet HTML 55Page - Renesas Technology Corp R8C Datasheet HTML 56Page - Renesas Technology Corp R8C Datasheet HTML 57Page - Renesas Technology Corp R8C Datasheet HTML 58Page - Renesas Technology Corp R8C Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 55 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
5.1.3
Peripheral Function Characteristics
Notes:
1.
The A/D conversion result will be undefined in wait mode, stop mode, power-off mode, when the flash memory stops, and in
low-current-consumption mode. Do not perform A/D conversion in these states or transition to these states during A/D
conversion.
2.
This applies when the peripheral functions are stopped.
3.
When the analog input voltage is over the reference voltage, the A/D conversion result will be 3FFh in 10-bit mode and FFh in
8-bit mode.
Table 5.3
A/D Converter Characteristics
(VCC/AVCC = Vref = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85 °C (N version)/
−40 to 85 °C (D version), unless otherwise specified.)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
–
Resolution
Vref = AVCC
––
10
Bit
–
Absolute accuracy (2)
10-bit mode
Vref = AVCC = 5.0 V
AN0 to AN6 input
–
–
±3
LSB
Vref = AVCC = 2.2 V
AN0 to AN6 input
–
–
±5
LSB
Vref = AVCC = 1.8 V
AN0 to AN6 input
–
–
±5
LSB
8-bit mode
Vref = AVCC = 5.0 V
AN0 to AN6 input
–
–
±2
LSB
Vref = AVCC = 2.2 V
AN0 to AN6 input
–
–
±2
LSB
Vref = AVCC = 1.8 V
AN0 to AN6 input
–
–
±2
LSB
φAD
A/D conversion clock
4.0
≤ Vref = AVCC ≤ 5.5 V (1)
1–
20
MHz
3.2
≤ Vref = AVCC ≤ 5.5 V (1)
1–
16
MHz
2.7
≤ Vref = AVCC ≤ 5.5 V (1)
1–
10
MHz
1.8
≤ Vref = AVCC ≤ 5.5 V (1)
1–
8
MHz
–
Tolerance level impedance
–
3
–
k
Ω
tCONV
Conversion time
10-bit mode
Vref = AVCC = 5.0 V,
φAD = 20 MHz
2.2
–
–
µs
8-bit mode
Vref = AVCC = 5.0 V,
φAD = 20 MHz
2.2
–
–
ms
tSAMP
Sampling time
φAD = 20 MHz
0.8
–
–
µs
IVref
Vref current
Vcc = 5 V, XIN = f1 =
φAD = 20 MHz
–
45
–
µA
Vref
Reference voltage
1.8
–
AVCC
V
VIA
Analog input voltage (3)
0–
Vref
V
OCVREF On-chip reference voltage
2 MHz
≤ φAD ≤ 4 MHz
1.53
1.70
1.87
V
Table 5.4
Temperature Sensor Characteristics
(VSS = 0 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VTMP
Temperature sensor output voltage 1.8 V
≤ Vref = AVCC ≤ 5.5 V
φAD = 1.0 MHz to 5.0 MHz
Ambient temperature = 25
°C
550
600
650
mV
–
Temperature coefficient
1.8 V
≤ Vref = AVCC ≤ 5.5 V
φAD = 1.0 MHz to 5.0 MHz
Ambient temperature = 25
°C
–
−2.1
–
mV/
°C
–
Start-up time
1.8 V
≤ Vref = AVCC ≤ 5.5 V
φAD = 1.0 MHz to 5.0 MHz
–
–
200
µs
ITMP
Operating current
1.8 V
≤ Vref = AVCC ≤ 5.5 V
φAD = 1.0 MHz to 5.0 MHz
–
100
–
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com