Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 93Page - Renesas Technology Corp R8C Datasheet HTML 94Page - Renesas Technology Corp R8C Datasheet HTML 95Page - Renesas Technology Corp R8C Datasheet HTML 96Page - Renesas Technology Corp R8C Datasheet HTML 97Page - Renesas Technology Corp R8C Datasheet HTML 98Page - Renesas Technology Corp R8C Datasheet HTML 99Page - Renesas Technology Corp R8C Datasheet HTML 100Page - Renesas Technology Corp R8C Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 97 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Figure 5.19
External Clock Input Timing Diagram
Figure 5.20
Input Timing of TRJiIO
Table 5.55
External Clock Input (XIN, XCIN)
(VSS = 0 V and Topr =
−20 to 85°C (N version)/ −40 to 85°C (D version), unless otherwise
specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°CVCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(XIN)
XIN input cycle time
200
–
50
–
50
–
ns
tWH(XIN)
XIN input “H” width
90
–
24
–
24
–
ns
tWL(XIN)
XIN input “L” width
90
–
24
–
24
–
ns
tc(XCIN)
XCIN input cycle time
20
–
20
–
20
–
µs
tWH(XCIN)
XCIN input “H” width
10
–
10
–
10
–
µs
tWL(XCIN)
XCIN input “L” width
10
–
10
–
10
–
µs
Table 5.56
Timing Requirements of TRJiIO (i = 0 to 2)
(VSS = 0 V and Topr =
−20 to 85°C (N version)/ −40 to 85°C (D version), unless otherwise
specified.)
Symbol
Parameter
Standard
Unit
VCC = 2.2V, Topr = 25
°CVCC = 3V, Topr = 25°CVCC = 5V, Topr = 25°C
Min.
Max.
Min.
Max.
Min.
Max.
tc(TRJIO)
TRJiIO input cycle time
500
–
300
–
100
–
ns
tWH(TRJIO)
TRJiIO input “H” width
200
–
120
–
40
–
ns
tWL(TRJIO)
TRJiIO input “L” width
200
–
120
–
40
–
ns
External Clock
Input
tWH(XIN),
tWH(XCIN)
tC(XIN), tC(XCIN)
tWL(XIN), tWL(XCIN)
TRJiIO input
tC(TRJIO)
tWL(TRJIO)
tWH(TRJIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com