Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 37Page - Renesas Technology Corp R8C Datasheet HTML 38Page - Renesas Technology Corp R8C Datasheet HTML 39Page - Renesas Technology Corp R8C Datasheet HTML 40Page - Renesas Technology Corp R8C Datasheet HTML 41Page - Renesas Technology Corp R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 41 of 102
Dec 21, 2010
X: Undefined
Note:
1. Blank spaces are reserved. No access is allowed.
Table 4.9
SFR Information for R8C/LA5A Group (9) (1)
Address
Register
Symbol
After Reset
0200h
LCD Control Register
LCR0
00h
0201h
0202h
LCD Option Clock Control Register
LCR2
00h
0203h
LCD Clock Control Register
LCR3
00h
0204h
LCD Display Control Register
LCR4
00h
0205h
0206h
LCD Port Select Register 0
LSE0
00h
0207h
LCD Port Select Register 1
LSE1
00h
0208h
LCD Port Select Register 2
LSE2
00h
0209h
020Ah
020Bh
LCD Port Select Register 5
LSE5
00h
020Ch
020Dh
020Eh
020Fh
0210h
LCD Display Data Register
LRA0L
XXh
0211h
LRA1L
XXh
0212h
LRA2L
XXh
0213h
LRA3L
XXh
0214h
LRA4L
XXh
0215h
LRA5L
XXh
0216h
LRA6L
XXh
0217h
LRA7L
XXh
0218h
LRA8L
XXh
0219h
LRA9L
XXh
021Ah
LRA10L
XXh
021Bh
LRA11L
XXh
021Ch
LRA12L
XXh
021Dh
LRA13L
XXh
021Eh
LRA14L
XXh
021Fh
LRA15L
XXh
0220h
LRA16L
XXh
0221h
LRA17L
XXh
0222h
LRA18L
XXh
0223h
LRA19L
XXh
0224h
LRA20L
XXh
0225h
LRA21L
XXh
0226h
LRA22L
XXh
0227h
LRA23L
XXh
0228h
LRA24L
XXh
0229h
LRA25L
XXh
022Ah
LRA26L
XXh
022Bh
022Ch
022Dh
022Eh
022Fh
0230h
0231h
0232h
0233h
0234h
0235h
0236h
0237h
:
2FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com