Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 69Page - Renesas Technology Corp R8C Datasheet HTML 70Page - Renesas Technology Corp R8C Datasheet HTML 71Page - Renesas Technology Corp R8C Datasheet HTML 72Page - Renesas Technology Corp R8C Datasheet HTML 73Page - Renesas Technology Corp R8C Datasheet HTML 74Page - Renesas Technology Corp R8C Datasheet HTML 75Page - Renesas Technology Corp R8C Datasheet HTML 76Page - Renesas Technology Corp R8C Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 73 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Note:
1.
1tCYC = 1/f1(s)
Figure 5.7
I/O Timing of I2C bus Interface
Table 5.25
Timing Requirements of I2C bus Interface (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C
(D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
tSCL
SCL input cycle time
12tCYC + 600 (1)
––
ns
tSCLH
SCL input “H” width
3tCYC + 300 (1)
––
ns
tSCLL
SCL input “L” width
5tCYC + 500 (1)
––
ns
tsf
SCL, SDA input fall time
–
–
300
ns
tSP
SCL, SDA input spike pulse rejection time
–
–
1tCYC (1)
ns
tBUF
SDA input bus-free time
5tCYC (1)
––
ns
tSTAH
Start condition input hold time
3tCYC (1)
––
ns
tSTAS
Retransmit start condition input setup time
3tCYC (1)
––
ns
tSTOP
Stop condition input setup time
3tCYC (1)
––
ns
tSDAS
Data input setup time
1tCYC + 40 (1)
––
ns
tSDAH
Data input hold time
10
–
–
ns
SDA
tSTAH
tSCLL
tBUF
VIH
VIL
tSCLH
SCL
tsr
tsf
tSDAH
tSCL
tSTAS
tSP
tSTOP
tSDAS
P(2)
S(1)
Sr(3)
P(2)
Notes:
1. Start condition
2. Stop condition
3. Retransmit start condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com