Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 38Page - Renesas Technology Corp R8C Datasheet HTML 39Page - Renesas Technology Corp R8C Datasheet HTML 40Page - Renesas Technology Corp R8C Datasheet HTML 41Page - Renesas Technology Corp R8C Datasheet HTML 42Page - Renesas Technology Corp R8C Datasheet HTML 43Page - Renesas Technology Corp R8C Datasheet HTML 44Page - Renesas Technology Corp R8C Datasheet HTML 45Page - Renesas Technology Corp R8C Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 42 of 102
Dec 21, 2010
X: Undefined
Notes:
1. Blank spaces are reserved. No access is allowed.
2. The CSPRO bit in the CSPR register is set to 1.
3. The CWR bit in the RSTFR register is set to 0 after power-on, voltage monitor 0 reset, or exit from power-off 0 mode. Hardware reset, software reset,
or watchdog timer reset does not affect this bit.
4. The reset value differs depending on the mode.
5. The CSPROINI bit in the OFS register is set to 0.
6. The LVDAS bit in the OFS register is set to 1.
7. The LVDAS bit in the OFS register is set to 0.
Table 4.10
SFR Information for R8C/LA8A Group (1) (1)
Address
Register
Symbol
After Reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
00h
0005h
Processor Mode Register 1
PM1
00h
00000100b (2)
0006h
System Clock Control Register 0
CM0
00100000b
0007h
System Clock Control Register 1
CM1
00100000b
0008h
Module Standby Control Register 0
MSTCR0
00h
0009h
System Clock Control Register 3
CM3
00h
000Ah
Protect Register
PRCR
00h
000Bh
Reset Source Determination Register
RSTFR
XXh (3)
000Ch
Oscillation Stop Detection Register
OCD
00000100b (4)
00h (4)
000Dh
Watchdog Timer Reset Register
WDTR
XXh
000Eh
Watchdog Timer Start Register
WDTS
XXh
000Fh
Watchdog Timer Control Register
WDTC
00111111b
0010h
Module Standby Control Register 1
MSTCR1
00h
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
00h
10000000b (5)
001Dh
001Eh
001Fh
0020h
Power-Off Mode Control Register 0
POMCR0
XXXXXX00b
0021h
0022h
0023h
High-Speed On-Chip Oscillator Control Register 0
FRA0
00h
0024h
High-Speed On-Chip Oscillator Frequency Control Register 0
FRC0
When shipping
0025h
High-Speed On-Chip Oscillator Control Register 2
FRA2
00h
0026h
On-Chip Reference Voltage Control Register
OCVREFCR
00h
0027h
0028h
0029h
High-Speed On-Chip Oscillator 18 MHz Set Value Register 0
FR18S0
XXh
002Ah
High-Speed On-Chip Oscillator 18 MHz Set Value Register 1
FR18S1
XXh
002Bh
002Ch
002Dh
002Eh
002Fh
High-Speed On-Chip Oscillator Frequency Control Register 1
FRC1
When shipping
0030h
Voltage Monitor Circuit Control Register
CMPA
00h
0031h
Voltage Monitor Circuit Edge Select Register
VCAC
00h
0032h
0033h
Voltage Detect Register 1
VCA1
00001000b
0034h
Voltage Detect Register 2
VCA2
00h (6)
00100000b (7)
0035h
0036h
Voltage Detection 1 Level Select Register
VD1LS
00000111b
0037h
0038h
Voltage Monitor 0 Circuit Control Register
VW0C
1100X010b (6)
1100X011b (7)
0039h
Voltage Monitor 1 Circuit Control Register
VW1C
10001010b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com