Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp R8C Datasheet HTML 7Page - Renesas Technology Corp R8C Datasheet HTML 8Page - Renesas Technology Corp R8C Datasheet HTML 9Page - Renesas Technology Corp R8C Datasheet HTML 10Page - Renesas Technology Corp R8C Datasheet HTML 11Page - Renesas Technology Corp R8C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 8 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
1.2
Product Lists
Tables 1.9 to 1.12 list product information for each group. Figures 1.1 to 1.4 show the Correspondence of Part No.,
with Memory Size and Package for each group.
Table 1.9
Product List for R8C/LA3A Group
Current of Dec 2010
Figure 1.1
Correspondence of Part No., with Memory Size and Package of R8C/LA3A Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2LA32ANFP
8 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
N Version
R5F2LA34ANFP
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA36ANFP
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA38ANFP
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0032GB-A
R5F2LA32ADFP
8 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
D Version
R5F2LA34ADFP
16 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA36ADFP
32 Kbytes
1 Kbyte
× 2
2 Kbytes
PLQP0032GB-A
R5F2LA38ADFP
64 Kbytes
1 Kbyte
× 2
3.5 Kbytes
PLQP0032GB-A
Part No. R 5 F 2L A3 8 A N FP
Package type:
FP: LQFP (0.8 mm pin-pitch)
Classification
N: Operating ambient temperature
−20 to 85°C
D: Operating ambient temperature
−40 to 85°C
DataFlash
A: DataFlash
ROM capacity
2: 8KB
4: 16KB
6: 32KB
8: 64KB
R8C/LA3A Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com