Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 98Page - Renesas Technology Corp R8C Datasheet HTML 99Page - Renesas Technology Corp R8C Datasheet HTML 100Page - Renesas Technology Corp R8C Datasheet HTML 101Page - Renesas Technology Corp R8C Datasheet HTML 102Page - Renesas Technology Corp R8C Datasheet HTML 103Page - Renesas Technology Corp R8C Datasheet HTML 104Page - Renesas Technology Corp R8C Datasheet HTML 105Page - Renesas Technology Corp R8C Datasheet HTML 106Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
Package Dimensions
R01DS0011EJ0100 Rev.1.00
Page 102 of 102
Dec 21, 2010
Detail F
L1
L
Index mark
*1
*3
F
80
61
60
41
40
21
20
1
x
ZD
D
HD
e
bp
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
Previous Code
JEITA Package Code
RENESAS Code
PLQP0080KB-A
80P6Q-A
MASS[Typ.]
0.5g
P-LQFP80-12x12-0.50
1.0
0.125
0.18
1.25
1.25
0.08
0.20
0.145
0.09
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
12.1
12.0
11.9
D
12.1
12.0
11.9
E
1.4
A2
14.2
14.0
13.8
14.2
14.0
13.8
1.7
A
0.2
0.1
0
0.7
0.5
0.3
L
x
10°
0°
c
0.5
e
0.08
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
Terminal cross section
bp
b1
y
S
S
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.10
e
0.65
c
0°
8°
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
15.8
16.0
16.2
15.8
16.0
16.2
A2
1.4
E
13.9
14.0
14.1
D
13.9
14.0
14.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.27
0.32
0.37
0.09 0.145 0.20
0.13
0.825
0.825
0.30
0.125
1.0
P-LQFP80-14x14-0.65
0.6g
MASS[Typ.]
FP-80W / FP-80WV
PLQP0080JA-A
RENESAS Code
JEITA Package Code
Previous Code
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
bp
b1
Terminal cross section
L
L1
Detail F
ZD
HD
D
*1
*3
F
80
61
60
41
40
21
20
1
Index mark
e
bp
× M
θ
S
yS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com