Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 31Page - Analog Devices AD9557/PCBZ Datasheet HTML 32Page - Analog Devices AD9557/PCBZ Datasheet HTML 33Page - Analog Devices AD9557/PCBZ Datasheet HTML 34Page - Analog Devices AD9557/PCBZ Datasheet HTML 35Page - Analog Devices AD9557/PCBZ Datasheet HTML 36Page - Analog Devices AD9557/PCBZ Datasheet HTML 37Page - Analog Devices AD9557/PCBZ Datasheet HTML 38Page - Analog Devices AD9557/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 35 of 92
OUTPUT PLL (APLL)
A diagram of the output PLL (APLL) is shown in Figure 39.
LF CAP
VCO2
3.35GHz TO 4.05GHz
PFD
FROM DPLL
TO CLOCK
DISTRIBUTION
LF
CP
INTEGER DIVIDER
OUTPUT PLL DIVIDER (APLL)
÷N2
Figure 39. Output PLL Block Diagram
The APLL provides the frequency upconversion from the DPLL
output to the 3.35 GHz to 4.05 GHz range, while also providing
noise filtering on the DPLL output. The APLL reference input is
the output of the DPLL. The feedback divider is an integer divider.
The loop filter is partially integrated with the one external 6.8 nF
capacitor. The nominal loop bandwidth for this PLL is 250 kHz,
with 68 degrees of phase margin.
The frequency wizard that is included in the evaluation software
configures the APLL, and the user should not need to make
changes to the APLL settings. However, there may be special cases
where the user may wish to adjust the APLL loop bandwidth to
meet a specific phase noise requirement. The easiest way to change
the APLL loop BW is to adjust the APLL charge pump current
in Register 0x0400. There is sufficient stability (680 of phase
margin) in the APLL default settings to permit a broad range of
adjustment without causing the APLL to be unstable. The user
should contact Analog Devices directly if more detail is needed.
Calibration of the APLL must be performed at startup and
whenever the nominal input frequency to the APLL changes by
more than ±100 ppm, although the APLL maintains lock over
voltage and temperature extremes without recalibration.
Calibration centers the dc operating voltage at the input to the
APLL VCO.
APLL calibration at startup can be accomplished during initial
register loading by following the instructions in the Device
Register Programming Using a Register Setup File section of
this datasheet.
To recalibrate the APLL VCO after the chip has been running,
the user should first input the new settings (if any). Ensure that
the system clock is still locked and stable, and that the DPLL is
in free run mode with the free run tuning word set to the same
output frequency that is used when the DPLL is locked.
Use the following steps to calibrate the APLL VCO:
1.
Ensure that the system clock is locked and stable.
2.
Ensure that the DPLL is in user free run mode
(Register 0x0A01[5] = 1b), and the free run tuning word is set.
3.
Write Register 0x0405 = 0x20.
4.
Write Register 0x0005 = 0x01.
5.
Write Register 0x0405 = 0x21.
6.
Write Register 0x0005 = 0x01.
7.
Monitor the APLL status using Bit 2 in Register 0x0D01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com