Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 54Page - Analog Devices AD9557/PCBZ Datasheet HTML 55Page - Analog Devices AD9557/PCBZ Datasheet HTML 56Page - Analog Devices AD9557/PCBZ Datasheet HTML 57Page - Analog Devices AD9557/PCBZ Datasheet HTML 58Page - Analog Devices AD9557/PCBZ Datasheet HTML 59Page - Analog Devices AD9557/PCBZ Datasheet HTML 60Page - Analog Devices AD9557/PCBZ Datasheet HTML 61Page - Analog Devices AD9557/PCBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 58 of 92
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x0323
L
Base loop
Filter A
coefficient
set (normal
phase
margin
of 70º)
NPM Alpha-0[7:0]
24
0x0324
L
NPM Alpha-0[15:8]
8C
0x0325
L
Reserved
NPM Alpha-1[6:0]
49
0x0326
L
NPM Beta-0[7:0]
55
0x0327
L
NPM Beta-0[15:8]
C9
0x0328
L
Reserved
NPM Beta-1[6:0]
7B
0x0329
L
NPM Gamma-0[7:0]
9C
0x032A
L
NPM Gamma-0[15:8]
FA
0x032B
L
Reserved
NPM Gamma-1[6:0]
55
0x032C
L
NPM Delta-0[7:0]
EA
0x032D
L
NPM Delta-0[15:8]
E2
0x032E
L
Reserved
NPM Delta-1[6:0]
57
Output PLL (APLL)
0x0400
APLL
charge
pump
Output PLL (APLL) charge pump[7:0]
81
0x0401
APLL N
divider
Output PLL (APLL) feedback N divider[7:0]
14
0x0402
Reserved
Reserved
00
0x0403
APLL loop
filter control
APLL loop filter control[7:0]
07
0x0404
Reserved
Bypass
internal
Rzero
00
0x0405
APLL VCO
control
Reserved (default: 0x2)
APLL locked
controlled
sync disable
Reserved
Manual
APLL VCO
cal (not auto-
clearing)
20
0x0406
Reserved
Reserved
00
0x0407
RF divider
RF Divider 2[3:0]
RF Divider 1[3:0]
44
0x0408
Reserved
RF divider
start-up
mode
Reserved
PD RF
Divider 2
PD RF
Divider 1
02
Output Clock Distribution
0x0500
Distribution
output sync
Reserved
Mask
Channel 1
sync
Mask
Channel 0
sync
Reserved
Sync source
selection
Auto sync mode
02
0x0501
Channel 0
Enable 3.3 V
CMOS driver
OUT0 format[2:0]
OUT0 polarity[1:0]
OUT0
drive
strength
Enable
OUT0
10
0x0502
Channel 0 divider[7:0]
00
0x0503
Reserved
Channel 0
PD
Select RF
Divider 2
Channel 0 divider[9:8]
00
0x0504
Reserved
Channel 0 divider phase[5:0]
00
0x0505
Channel 1
Reserved
OUT1 format[2:0]
OUT1 polarity[1:0]
OUT1 drive
strength
Enable
OUT1
10
0x0506
Reserved
10
0x0507
Channel 1 divider[7:0]
03
0x0508
Reserved
Channel 1 PD
Select RF
Divider 2
Channel 1 divider[9:8]
00
0x0509
Reserved
Channel 1 divider phase[5:0]
00
0x050A
Reserved
10
0x050B
Reserved
10
0x050C
Reserved
00
0x050D
Reserved
00
0x050E
Reserved
00
0x050F
Reserved
10
0x0510
Reserved
03
0x0511
Reserved
00
0x0512
Reserved
00
0x0513
Reserved
00
0x0514
Reserved
00
0x0515
Reserved
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com