Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 52Page - Analog Devices AD9557/PCBZ Datasheet HTML 53Page - Analog Devices AD9557/PCBZ Datasheet HTML 54Page - Analog Devices AD9557/PCBZ Datasheet HTML 55Page - Analog Devices AD9557/PCBZ Datasheet HTML 56Page - Analog Devices AD9557/PCBZ Datasheet HTML 57Page - Analog Devices AD9557/PCBZ Datasheet HTML 58Page - Analog Devices AD9557/PCBZ Datasheet HTML 59Page - Analog Devices AD9557/PCBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 56 of 92
REGISTER MAP
Register addresses that are not listed in Table 35 are not used, and writing to those registers has no effect. The user should write the default
value to sections of registers marked reserved. R = read only. A = autoclear. E = excluded from EEPROM loading. L = live (I/O update not
required for register to take effect or for a read-only register to be updated).
Table 35. Register Map
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Serial Control Port Configuration and Part Identification
0x0000
L, E
SPI control
SDO enable
LSB first/
increment
address
Soft reset
Reserved
00
0x0000
L
I²C control
Reserved
Soft reset
Reserved
00
0x0004
Readback
control
Reserved
Read buffer
register
00
0x0005
A, L
I/O update
Reserved
I/O update
00
0x0006
L
User scratch
pad
User scratch pad[7:0]
00
0x0007
L
User scratch pad[15:8]
00
0x000A
R, L
Silicon rev
Silicon revision[7:0]
21
0x000B
R, L
Reserved
Reserved
0D
0x000C
R, L
Part ID
Clock part family ID[7:0]
01
0x000D
R, L
Clock part family ID[15:8]
00
System Clock
0x0100
SYSCLK
config PLL
feedback
divider
System clock N divider[7:0]
08
0x0101
Reserved
Load from
ROM
(reserved)
SYSCLK
XTAL
enable
SYSCLK P divider[1:0]
SYSCLK
doubler
enable
09
or
19
0x0102
Reserved
Reserved
00
0x0103
SYSCLK
period
Nominal system clock period (fs)[7:0] (1 ns at 1 ppm accuracy)
0E
0x0104
Nominal system clock period (fs)[15:8] (1 ns at 1 ppm accuracy)
67
0x0105
Reserved
Nominal system clock period[20:16]
13
0x0106
SYSCLK
stability
System clock stability period (ms)[7:0]
32
0x0107
System clock stability period (ms)[15:8]
00
0x0108
A
Reserved
Reset
SYSCLK stab
timer
(autoclear)
System clock stability period (ms)[19:16]
(not autoclearing)
00
General Configuration
0x0200
EN_MPIN
Reserved
Enable M
pins and
IRQ pin
function
00
0x0201
M0FUNC
M0 output/
AinputE
Function[6:0]
B0
0x0202
M1FUNC
M1output/A
inputE
Function[6:0]
B1
0x0203
M2FUNC
M2 output/
AinputE
Function[6:0]
C0
0x0204
M3FUNC
M3 output/
AinputE
Function[6:0]
C1
0x0205
Reserved
B2
0x0206
Reserved
B3
0x0207
Reserved
C2
0x0208
Reserved
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com