Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 63Page - Analog Devices AD9557/PCBZ Datasheet HTML 64Page - Analog Devices AD9557/PCBZ Datasheet HTML 65Page - Analog Devices AD9557/PCBZ Datasheet HTML 66Page - Analog Devices AD9557/PCBZ Datasheet HTML 67Page - Analog Devices AD9557/PCBZ Datasheet HTML 68Page - Analog Devices AD9557/PCBZ Datasheet HTML 69Page - Analog Devices AD9557/PCBZ Datasheet HTML 70Page - Analog Devices AD9557/PCBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 67 of 92
GENERAL CONFIGURATION (REGISTER 0x0200 TO REGISTER 0x0214)
Multifunction Pin Control (M3 to M0) and IRQ Pin Control (Register 0x0200 to Register 0x0209)
Note that the default setting for the M3 to M0 multifunction pins and the IRQ pin is that of a 3-level logic input at startup. Setting Bit 1 in
Register 0x0200 to 1 enables normal M3 to M0 pin functionality.
Table 46. Multifunction Pins (M0 to M3) Control
Address
Bits
Bit Name
Description
0x0200
[7:1]
Reserved
0
Enable M pins and IRQ pin function
0 (default) = disables the function of the M pins and the IRQ pin control register
(Address 0x0201 to Address 0x0209); the M pins and IRQ pin are in 3-level logic
input state.
1 = the M pins and IRQ pin are out of 3-level logic input state and enable the
binary function of the M pins and the IRQ pin control registers (Address 0x0201
to Address 0x0209).
0x0201
7
M0 output/input
In/out control for M0 pin.
0 = input (2-level logic control pin).
1 (default) = output (2-level logic status pin).
[6:0]
Function
See Table 124 and Table 125. Default: 0xB0 = REFA valid.
0x0202
7
M1 output/input
In/out control for M1 pin (same as M0).
[6:0]
Function
See Table 124 and Table 125. Default: 0xB1 = REFB valid.
0x0203
7
M2 output/input
In/out control for M2 pin (same as M0).
[6:0]
Function
See Table 124 and Table 125. Default: 0xC0 = REFA active.
0x0204
7
M3 output/input
In/out control for M3 pin (same as M0).
[6:0]
Function
See Table 124 and Table 125. Default: 0xC1 = REFB active.
0x0205
[7:0]
Reserved
Reserved.
0x0206
[7:0]
Reserved
Reserved.
0x0207
[7:0]
Reserved
Reserved.
0x0208
[7:0]
Reserved
Reserved.
Table 47. IRQ Pin Output Mode
Address
Bits
Bit Name
Description
0x0209
[7:5]
Reserved
Reserved
[4:3]
Status signal at IRQ pin[1:0]
This selection is valid only when Address 0x0209[2] = 1
00 = DPLL phase locked
01 = DPLL frequency locked
10 = system clock PLL locked
11 (default) = (DPLL phase locked) AND (system clock PLL locked) AND (APLL locked)
2
Use IRQ pin for status signal
0 = uses IRQ pin to monitor IRQ event
1 (default) = uses IRQ pin to monitor internal status signals
[1:0]
IRQ pin driver type
Select the output mode of the IRQ pin
00 = NMOS, open drain (requires an external pull-up resistor)
01 = PMOS, open drain (requires an external pull-down resistor)
10 = CMOS, active high
11 (default) = CMOS, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com