Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 65Page - Analog Devices AD9557/PCBZ Datasheet HTML 66Page - Analog Devices AD9557/PCBZ Datasheet HTML 67Page - Analog Devices AD9557/PCBZ Datasheet HTML 68Page - Analog Devices AD9557/PCBZ Datasheet HTML 69Page - Analog Devices AD9557/PCBZ Datasheet HTML 70Page - Analog Devices AD9557/PCBZ Datasheet HTML 71Page - Analog Devices AD9557/PCBZ Datasheet HTML 72Page - Analog Devices AD9557/PCBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 69 of 92
Table 52. IRQ Mask for Reference Inputs
Address
Bits
Bit Name
Description
7
Reserved
Reserved
6
REFB validated
Enables IRQ for indicating that REFB has been validated
5
REFB fault cleared
Enables IRQ for indicating that REFB has been cleared of a previous fault
4
REFB fault
Enables IRQ for indicating that REFB has been faulted
3
Reserved
Reserved
2
REFA validated
Enables IRQ for indicating that REFA has been validated
1
REFA fault cleared
Enables IRQ for indicating that REFA has been cleared of a previous fault
0x020E
0
REFA fault
Enables IRQ for indicating that REFA has been faulted
0x020F
[7:0]
Reserved
Reserved
Table 53. Watchdog Timer 11
Address
Bits
Bit Name
Description
0x0210
[7:0]
Watchdog timer bits[7:0] Default: 0x00
0x0211
[7:0]
Watchdog timer (ms)
Watchdog timer bits[15:8] Default: 0x00
1Note that the watchdog timer is expressed in units of milliseconds (ms). The default value is 0 (disabled).
DPLL CONFIGURATION (REGISTER 0x0300 TO REGISTER 0x032E)
Table 54. Free Run Frequency Tuning Word1
Address
Bits
Bit Name
Description
0x0300
[7:0]
Free run frequency tuning word bits[7:0]; default: 0x11
0x0301
[7:0]
30-bit free run frequency tuning word
Free run frequency tuning word bits[15:8]; default: 0x15
0x0302
[7:0]
Free run frequency tuning word bits[23:9]; default: 0x64
0x0303
[7:6]
Reserved
Reserved
[5:0]
30-bit free run frequency word
Free run frequency tuning word bits[29:24]: default: 0x1B
1 Note that the default free run tuning word is 0x1B641511, which is used for 8 kHz/19.44 MHz = 622.08 MHz translation.
Table 55. Digital Oscillator Control
Address
Bits
Bit Name
Description
[7:6]
Reserved
Default: 00b
5
DCO 4-level output
0 (default) = DCO 3-level output mode
1 = enables DCO 4-level output mode
4
Reserved
Reserved (must be set to 1b)
0x0304
[3:0]
Reserved
Reserved (default: 0x0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com