Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 69Page - Analog Devices AD9557/PCBZ Datasheet HTML 70Page - Analog Devices AD9557/PCBZ Datasheet HTML 71Page - Analog Devices AD9557/PCBZ Datasheet HTML 72Page - Analog Devices AD9557/PCBZ Datasheet HTML 73Page - Analog Devices AD9557/PCBZ Datasheet HTML 74Page - Analog Devices AD9557/PCBZ Datasheet HTML 75Page - Analog Devices AD9557/PCBZ Datasheet HTML 76Page - Analog Devices AD9557/PCBZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 73 of 92
Address
Bits
Bit Name
Description
Pole 1 Cp1
Cp1 (pF)
Bit 2
Bit 1
Bit 0
[2:0]
0
20
80
100
20
40
100
120 (default)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
[7:1]
Reserved
Default: 0x00
0x0404
0
Bypass internal Rzero
0 (default) = uses the internal Rzero resistor.
1 = bypasses the internal Rzero resistor (makes Rzero = 0 and requires the use of a series
external zero resistor).
[7:4]
Reserved
Default: 0x2
3
APLL locked controlled
sync disable
0 (default) = the clock distribution sync function is not enabled until the output PLL (APLL) is
calibrated and locked. After APLL calibration and lock, the output clock distribution sync
is armed, and the sync function for the clock outputs is under the control of Register 0x0500.
1 = overrides the lock detector state of the output PLL; allows Register 0x0500 to control
the output sync function, regardless of the APLL lock status.
[2:1]
Reserved
Default: 00b
0x0405
0
Manual APLL
VCO calibration
1 = initiates VCO calibration. (Calibration occurs on low-to-high transition).
0 (default) = does nothing. This is not an autoclearing bit.
1Note that the default APLL loop BW is 180 KHz.
Table 65. Reserved
Address
Bits
Bit Name
Description
0x0406
[7:0]
Reserved
Default: 0x00
Table 66. RF Divider Setting
Address
Bits
Bit Name
Description
[7:4]
RF Divider 2 division
0000/0001 = 3
0010 = 4
0011 = 5
0100 = 6 (default)
0101 = 7
0110 = 8
0111 = 9
1000 = 10
1001 = 11
0x0407
[3:0]
RF Divider 1 division
0000/0001 = 3
0010 = 4
0011 = 5
0100 = 6 (default)
0101 = 7
0110 = 8
0111 = 9
1000 = 10
1001 = 11
[7:5]
Reserved
Reserved.
4
RF divider start-up mode
0 (default) = RF dividers are held in power-down until the APLL feedback divider is detected.
This ensures proper RF divider operation, exiting full power-down.
1 = RF dividers are not held in power-down until the APLL feedback divider is detected.
[3:2]
Reserved
Reserved.
1
PD RF Divider 2
0 = enables RF Divider 2.
1 (default) = powers down RF Divider 2.
0x0408
0
PD RF Divider 1
0 (default) = enables RF Divider 1.
1 = powers down RF Divider 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com