Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 81 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 81 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 77Page - Analog Devices AD9557/PCBZ Datasheet HTML 78Page - Analog Devices AD9557/PCBZ Datasheet HTML 79Page - Analog Devices AD9557/PCBZ Datasheet HTML 80Page - Analog Devices AD9557/PCBZ Datasheet HTML 81Page - Analog Devices AD9557/PCBZ Datasheet HTML 82Page - Analog Devices AD9557/PCBZ Datasheet HTML 83Page - Analog Devices AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 81 of 92
Table 93. IRQ Clearing for History Update, Frequency Limit, and Phase Slew Limit
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
History updated
Clears history updated IRQ
3
Frequency unclamped
Clears frequency unclamped IRQ
2
Frequency clamped
Clears frequency clamped IRQ
1
Phase slew unlimited
Clears phase slew unlimited IRQ
0x0A07
0
Phase slew limited
Clears phase slew limited IRQ
Table 94. IRQ Clearing for Reference Inputs
Address
Bits
Bit Name
Description
7
Reserved
Reserved
6
REFB validated
Clears REFB validated IRQ
5
REFB fault cleared
Clears REFB fault cleared IRQ
4
REFB fault
Clears REFB fault IRQ
3
Reserved
Reserved
2
REFA validated
Clears REFA validated IRQ
1
REFA fault cleared
Clears REFA fault cleared IRQ
0x0A08
0
REFA fault
Clears REFA fault IRQ
0x0A09
[7:0]
Reserved
Reserved
Incremental Phase Offset Control and Manual Reference Validation (Register 0x0A0A to Register 0x0A0D)
Table 95. Incremental Phase Offset Control
Address
Bits
Bit Name
Description
[7:3]
Reserved
Reserved
2
Reset phase offset
Resets the incremental phase offset to zero.
This is an autoclearing bit.
1
Decrement phase
offset
Decrements the incremental phase offset by the amount specified in the Incremental phase
lock offset step size register (Register 0x0312 to Register 0x0313).
This is an autoclearing bit.
0x0A0A
0
Increment phase
offset
Increments the incremental phase offset by the amount specified in the Incremental phase
lock offset step size register (Register 0x0312 to Register 0x0313).
This is an autoclearing bit.
Table 96. Manual Reference Validation
Address
Bits
Bit Name
Description
[7:2]
Reserved
Reserved.
1
Force Timeout B
Setting this autoclearing bit emulates timeout of the validation timer for Reference B and allows
the user to make REFB valid immediately.
0x0A0B
0
Force Timeout A
Setting this autoclearing bit emulates timeout of the validation timer for Reference A and allows
the user to make REFA valid immediately.
[7:2]
Reserved
Reserved.
1
Ref Mon Override B
Overrides the reference monitor REF FAULT signal for Reference B. Setting this bit forces REFB to be
invalid and is a useful way to force a reference switch away from REFB (default: 0b).
0x0A0C
0
Ref Mon Override A
Overrides the reference monitor REF FAULT signal for Reference A. Setting this bit forces REFA to be
invalid and is a useful way to force a reference switch away from REFA (default: 0).
[7:2]
Reserved
Reserved.
1
Ref Mon Bypass B
Setting this bit bypasses the reference monitor for Reference B and starts the REFB validation timer.
By first setting this bit, and then setting the Force Timeout B bit, REFB is valid for use by the DPLL.
However, the user should not set this bit at exactly the same time as the force timeout bit
(default: 0).
0x0A0D
0
Ref Mon Bypass A
Setting this bit bypasses the reference monitor for Reference A and starts the REFA validation timer.
By first setting this bit, and then setting the Force Timeout B bit, REFA is valid for use by the DPLL.
However, the user should not set this bit at exactly the same time as the force timeout bit
(default: 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com