Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 66Page - Analog Devices AD9557/PCBZ Datasheet HTML 67Page - Analog Devices AD9557/PCBZ Datasheet HTML 68Page - Analog Devices AD9557/PCBZ Datasheet HTML 69Page - Analog Devices AD9557/PCBZ Datasheet HTML 70Page - Analog Devices AD9557/PCBZ Datasheet HTML 71Page - Analog Devices AD9557/PCBZ Datasheet HTML 72Page - Analog Devices AD9557/PCBZ Datasheet HTML 73Page - Analog Devices AD9557/PCBZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 70 of 92
Table 56. DPLL Frequency Clamp
Address
Bits
Bit Name
Description
0x0306
[7:0]
Lower limit pull-in range bits[7:0]
Default: 0x51
0x0307
[7:0]
Lower limit of pull-in range (expressed as
a 20-bit frequency tuning word)
Lower limit pull-in range bits[15:8]
Default: 0xB8
0x0308
[7:4]
Reserved
Default: 0x0
[3:0]
Lower limit of pull-in range
Lower limit pull-in range bits[19:16]
Default: 0x2
0x0309
[7:0]
Upper limit pull-in range bits[7:0]
Default: 0x3E
0x030A
[7:0]
Upper limit of pull-in range (expressed as
a 20-bit frequency tuning word)
Upper limit pull-in range bits[15:8]
Default: 0x0A
0x030B
[7:4]
Reserved
Default: 0x0
[3:0]
Upper limit of pull-in range
Upper limit pull-in range bits[19:16]
Default: 0xB
Table 57. Fixed Closed-Loop Phase Lock Offset
Address
Bits
Bit Name
Description
0x030C
[7:0]
Fixed phase lock offset bits[7:0]
Default: 0x00
0x030D
[7:0]
Fixed phase lock offset bits[15:8]
Default 0x00
0x030E
[7:0]
Fixed phase lock offset (signed; ps)
Fixed phase lock offset bits[23:16]
Default: 0x00
0x030F
[7:6]
Reserved
Reserved; default: 0x0
[5:0]
Fixed phase lock offset (signed; ps)
Fixed phase lock offset bits[29:24]
Default: 0x00
Table 58. Incremental Closed-Loop Phase Lock Offset Step Size1
Address
Bits
Bit Name
Description
0x0310
[7:0]
Incremental phase lock offset step size bits[7:0].
Default: 0x00.
This controls the static phase offset of the DPLL while it is locked.
0x0311
[7:0]
Incremental phase lock offset step size (ps)
Incremental phase lock offset step size bits[15:8] Default: 0x00.
This controls the static phase offset of the DPLL while it is locked.
1 Note that the default incremental closed-loop phase lock offset step size value is 0x0000 = 0 (0 ns).
Table 59. Phase Slew Rate Limit
Address
Bits
Bit Name
Description
0x0312
[7:0]
Phase slew rate limit bits[7:0].
Default: 0x00.
This register controls the maximum allowable phase slewing during
transients and reference switching.
The default phase slew rate limit is 0, or disabled. Minimum useful value is
310 μs/sec.
0x0313
[7:0]
Phase slew rate limit (μs/sec)
Phase slew rate limit bits[15:8] .
Default: 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com