Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 61Page - Analog Devices AD9557/PCBZ Datasheet HTML 62Page - Analog Devices AD9557/PCBZ Datasheet HTML 63Page - Analog Devices AD9557/PCBZ Datasheet HTML 64Page - Analog Devices AD9557/PCBZ Datasheet HTML 65Page - Analog Devices AD9557/PCBZ Datasheet HTML 66Page - Analog Devices AD9557/PCBZ Datasheet HTML 67Page - Analog Devices AD9557/PCBZ Datasheet HTML 68Page - Analog Devices AD9557/PCBZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 65 of 92
REGISTER MAP BIT DESCRIPTIONS
SERIAL PORT CONFIGURATION (REGISTER 0x0000 TO REGISTER 0x0005)
Table 36. Serial Configuration (Note that the contents of Register 0x0000 are not stored to the EEPROM.)
Address
Bits
Bit Name
Description
0x0000
7
SDO enable
Enables SPI port SDO pin.
1 = 4-wire (SDO pin enabled).
0 (default) = 3-wire.
6
LSB first/increment address
Bit order for SPI port.
1 = least significant bit and byte first.
Register addresses are automatically incremented in multibyte transfers.
0 (default) = most significant bit and byte first.
Register addresses are automatically deccremented in multibyte transfers.
5
Soft reset
Device reset (invokes an EEPROM download or pin program ROM download if EEPROM
or pin program is enabled. See the EEPROM
section and Pin Configuration and Function
Descriptions for details.
[4:0]
Reserved
Reserved.
Table 37. Readback Control
Address
Bits
Bit Name
Description
0x0004
[7:1]
Reserved
Reserved.
0
Read buffer register
For buffered registers, serial port read-back reads from actual (active) registers instead of
the buffer.
1 = reads buffered values that take effect on next assertion of I/O update.
0 (default) = reads values currently applied to the device’s internal logic.
Table 38. Soft I/O Update
Address
Bits
Bit Name
Description
[7:1]
Reserved
Reserved.
0x0005
0
I/O update
Writing a 1 to this bit transfers the data in the serial I/O buffer registers to the device’s
internal control registers. Unless a register is marked as live (as indicated by an L in the
Opt column of the register map), the user must write to this bit before any register
settings can take effect and before a read-only register can be updated with the most
current value.
This is an autoclearing bit.
Table 39. User Scratch Pad
Address
Bits
Bit Name
Description
0x0006
[7:0]
User scratch pad[7:0]
0x0007
[7:0]
User scratch pad[15:8]
User programmable EEPROM ID registers. These registers enable users to write a unique
code of their choosing to keep track of revisions to the EEPROM register loading. It has
no effect on part operation.
0 = default.
SILICON REVISION (REGISTER 0x000A)
Table 40. Silicon Revision
Address
Bits
Bit Name
Description
0x000A
[7:0]
Silicon revision
This read-only register identifies the revision level of the AD9557.
CLOCK PART SERIAL ID (REGISTER 0x000C TO REGISTER 0x000D)
Table 41. Clock Part Family ID
Address
Bits
Bit Name
Description
0x000C
[7:0]
Clock part family ID[7:0]
This read-only register (along with Register 0x000D) uniquely identifies an AD9557 or
AD9558. No other part in the ADI AD95xx family has a value of 0x0001 in these two registers.
Default: 0x01 for the AD9557 and AD9558.
0x000D
[7:0]
Clock part family ID[15:8]
This register is a continuation of Register 0x000C.
Default: 0x00 for the AD9557 and AD9558.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com