Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 56Page - Analog Devices AD9557/PCBZ Datasheet HTML 57Page - Analog Devices AD9557/PCBZ Datasheet HTML 58Page - Analog Devices AD9557/PCBZ Datasheet HTML 59Page - Analog Devices AD9557/PCBZ Datasheet HTML 60Page - Analog Devices AD9557/PCBZ Datasheet HTML 61Page - Analog Devices AD9557/PCBZ Datasheet HTML 62Page - Analog Devices AD9557/PCBZ Datasheet HTML 63Page - Analog Devices AD9557/PCBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 60 of 92
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Profile B (for REFB)
0x0740
L
Reference
period
(up to
1.1 ms)
Nominal period (fs), Bits[7:0] (default: 125 μs = 1/(8 kHz) for default system clock setting)
00
0x0741
L
Nominal period (fs), Bits[15:8]
A2
0x0742
L
Nominal period (fs), Bits[23:16]
94
0x0743
L
Nominal period (fs), Bits[31:24]
1A
0x0744
L
Nominal period (fs), Bits[39:32]
1D
0x0745
L
Frequency
tolerance
Inner tolerance (1 ppm), Bits[7:0] (for reference invalid to valid; 50% down to 1 ppm) (default: 5%)
14
0x0746
L
Inner tolerance (1 ppm), Bits[15:8] (for reference invalid to valid; 50% down to 1 ppm)
00
0x0747
L
Reserved
Inner tolerance, Bits[19:16]
00
0x0748
L
Outer tolerance (1 ppm), Bits[7:0] (for reference valid to invalid; 50% down to 1 ppm] (default: 10%)
0A
0x0749
L
Outer tolerance (1 ppm), Bits[15:8] (for reference valid to invalid; 50% down to 1 ppm)
00
0x074A
L
Reserved
Outer tolerance, Bits[19:16]
00
0x074B
L
Validation
Validation timer (ms), Bits[7:0] (up to 65.5 seconds)
0A
0x074C
L
Validation timer (ms), Bits[15:8] (up to 65.5 seconds)
00
0x074D
L
Reserved
00
0x074E
L
Select base
loop filter
Reserved
Sel high PM
base loop filt
00
0x074F
L
DPLL loop
BW
Digital PLL loop bandwidth scaling factor[7:0] (default: 0x01F4 = 50 Hz)
F4
0x0750
L
Digital PLL loop bandwidth scaling factor[15:8]
01
0x0751
L
Reserved
BW scaling
factor[16]
00
0x0752
L
DPLL
R divider
(20 bits)
R divider[7:0]
00
0x0753
L
R divider[15:8]
00
0x0754
L
Reserved
Enable REFB
divide-by-2
R divider[19:16]
00
0x0755
DPLL
N divider
(17 bits)
Digital PLL feedback divider—Integer Part N1[7:0]
1F
0x0756
Digital PLL feedback divider—Integer Part N1[15:8]
5B
0x0757
Reserved
Digital PLL
feedback
divider—
Integer Part
N1[16]
00
0x0758
DPLL
fractional
feedback
divider
(24 bits)
Digital PLL fractional feedback divider—FRAC1[7:0]
00
0x0759
Digital PLL fractional feedback divider—FRAC1[15:8]
00
0x075A
Digital PLL fractional feedback divider—FRAC1[23:16]
00
0x075B
DPLL
fractional
feedback
divider
modulus
(24 bits)
Digital PLL feedback divider modulus—MOD1[7:0]
01
0x075C
Digital PLL feedback divider modulus—MOD1[15:8]
00
0x075D
Digital PLL feedback divider modulus—MOD1[23:16]
00
0x075E
L
Lock
detectors
Phase lock threshold[7:0] (ps)
BC
0x075F
L
Phase lock threshold[15:8] (ps)
02
0x0760
L
Phase lock fill rate[7:0]
0A
0x0761
L
Phase lock drain rate[7:0]
0A
0x0762
L
Frequency lock threshold[7:0]
BC
0x0763
L
Frequency lock threshold[15:8]
02
0x0764
L
Frequency lock threshold[23:16]
00
0x0765
L
Frequency lock fill rate[7:0]
0A
0x0766
L
Frequency lock drain rate[7:0]
0A
0x0780
Reserved
C9
0x0781
Reserved
EA
0x0782
Reserved
10
0x0783
Reserved
03
0x0784
Reserved
00
0x0785
Reserved
14
0x0786
Reserved
00
0x0787
Reserved
00
0x0788
Reserved
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com