Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 38Page - Analog Devices AD9557/PCBZ Datasheet HTML 39Page - Analog Devices AD9557/PCBZ Datasheet HTML 40Page - Analog Devices AD9557/PCBZ Datasheet HTML 41Page - Analog Devices AD9557/PCBZ Datasheet HTML 42Page - Analog Devices AD9557/PCBZ Datasheet HTML 43Page - Analog Devices AD9557/PCBZ Datasheet HTML 44Page - Analog Devices AD9557/PCBZ Datasheet HTML 45Page - Analog Devices AD9557/PCBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 42 of 92
Table 23 lists a sample EEPROM download instruction
sequence. It illustrates the use of condition instructions and
how they alter the download sequence. The table begins with
the assumption that no conditions are in effect. That is, the
most recently executed condition instruction is either B0 or
no conditional instructions have been processed.
Table 23. EEPROM Conditional Processing Example
Instruction
Action
0x08
0x01
0x00
Transfer the system clock register contents,
regardless of the current condition.
0xB1
Tag Condition 1.
0x19
0x04
0x00
Transfer the clock distribution register contents
only if tag condition = 1.
0xB2
Tag Condition 2.
0xB3
Tag Condition 3.
0x07
0x05
0x00
Transfer the reference input register contents
only if tag condition = 1, 2, or 3.
0x0A
Calibrate the system clock only if tag
condition = 1, 2, or 3.
0xB0
Clear the tag condition board.
0x80
Execute an I/O update, regardless of the
value of the tag condition.
0x0A
Calibrate the system clock, regardless of the
value of the tag condition.
Storing Multiple Device Setups in EEPROM
Conditional processing makes it possible to create a number
of different device setups, store them in EEPROM, and
download a specific setup on demand. To do so, first program
the device control registers for a specific setup. Then, store
an upload sequence in the EEPROM scratch pad with the
following general form:
1.
Condition instruction (B1 to CF) to identify the setup
with a specific condition (1 to 31)
2.
Data instructions (to save the register contents), along
with any required calibrate and/or I/O update instructions
3.
Pause instruction (FE)
With the upload sequence written to the scratch pad,
perform an EEPROM upload (Register 0x0E02, Bit 0).
Reprogram the device control registers for the next desired
setup. Then store a new upload sequence in the EEPROM
scratch pad with the following general form:
1.
Condition instruction (B0)
2.
The next desired condition instruction (B1 to CF, but
different from the one used during the previous
upload to identify a new setup)
3.
Data instructions (to save the register contents) along
with any required calibrate and/or I/O update
instructions
4.
Pause instruction (FE)
With the upload sequence written to the scratch pad, perform
an EEPROM upload (Register 0x0E02, Bit 0).
Repeat the process of programming the device control registers
for a new setup, storing a new upload sequence in the EEPROM
scratch pad (Step 1 through Step 4), and executing an EEPROM
upload (Register 0x0E02, Bit 0) until all of the desired setups
have been uploaded to the EEPROM.
Note that, on the final upload sequence stored in the scratch
pad, the pause instruction (FE) must be replaced with an end
instruction (FF).
To download a specific setup on demand, first store the
condition associated with the desired setup in Register 0x0E01,
Bits[4:0]. Then perform an EEPROM download (Register
0x0E03, Bit 1). Alternatively, to download a specific setup at
power-up, apply the required logic levels necessary to encode
the desired condition on the M2 to M3 multifunction pins.
Then power up the device; an automatic EEPROM download
occurs. The condition (as established by the M2 to M3
multifunction pins) guides the download sequence and results
in a specific setup.
Keep in mind that the number of setups that can be stored
in the EEPROM is limited. The EEPROM can hold a total of
2048 bytes. Each nondata instruction requires one byte of
storage. Each data instruction, however, requires N + 4 bytes of
storage, where N is the number of transferred register bytes and
the other four bytes include the data instruction itself (one
byte), the target address (two bytes), and the checksum
calculated by the EEPROM controller during the upload
sequence (one byte).
Programming the EEPROM to Configure an M Pin to
Control Synchronization of the Clock Distribution
A special EEPROM loading sequence is required to use the
EEPROM to load the registers and to use an M pin to
enable/disable outputs.
To control the output sync function by using an M pin, perform
the following steps:
1.
Enable the M pins by writing Register 0x0200 = 0x01.
2.
Issue an I/O update (Register 0x0005 = 0x01).
3.
Set the appropriate M pin function (see the Clock
Distribution Synchronization section for details).
If this sequence is not performed, a SYNC pulse is issued
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com