Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 81Page - Analog Devices AD9557/PCBZ Datasheet HTML 82Page - Analog Devices AD9557/PCBZ Datasheet HTML 83Page - Analog Devices AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices AD9557/PCBZ Datasheet HTML 86Page - Analog Devices AD9557/PCBZ Datasheet HTML 87Page - Analog Devices AD9557/PCBZ Datasheet HTML 88Page - Analog Devices AD9557/PCBZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 85 of 92
DPLL Status, Input Reference Status, Holdover History, and DPLL Lock Detect Tub Levels (Register 0x0D08 to Register 0x0D14)
Table 105. DPLL Status
Address
Bits
Bit Name
Description
7
Reserved
Reserved
6
Offset slew limiting
The current closed-loop phase offset is rate limited
5
Frequency lock
The DPLL has achieved frequency lock
4
Phase lock
The DPLL has achieved phase lock
3
Loop switching
The DPLL is in the process of a reference switchover
2
Holdover
The DPLL is in holdover mode
1
Active
The DPLL is active (that is, operating in a closed-loop condition)
0x0D08
0
Freerun
The DPLL is free run (that is, operating in an open-loop condition)
[7:6]
Reserved
Default: 0b
5
Frequency clamped
The upper or lower frequency tuning word clamp is in effect
4
History available
There is sufficient tuning word history available for holdover operation
[3:2]
Active reference priority
Priority value of the currently active reference
00 = highest priority
…
11 = lowest priority
0x0D09
1
Reserved
Default: 0b
0
Current active reference
Index of the currently active reference
0 = Reference A
1 = Reference B
Table 106. Reserved Register
Address
Bits
Bit Name
Description
0x0D0A
[7:0]
Reserved
Reserved
Table 107. Input Reference Status
Address
Bits
Bit Name
Description
7
B valid
REFB is valid for use (it is unfaulted, and its validation timer has expired).
6
B fault
REFB is not valid for use.
5
B fast
This bit indicates that the frequency of REFB is higher than allowed by its profile settings.
4
B slow
This bit indicates that the frequency of REFB is lower than allowed by its profile settings.
3
A valid
REFA is valid for use (it is unfaulted and its validation timer has expired).
2
A fault
REFA is not valid for use.
1
A fast
This bit indicates that the frequency of REFA is higher than allowed by its profile settings.
0x0D0B
0
A slow
This bit indicates that the frequency of REFA is lower than allowed by its profile settings.
0x0D0C
[7:0]
Reserved
Reserved.
Table 108. Holdover History1
Address
Bits
Bit Name
Description
0x0D0D
[7:0]
Tuning word readback bits[7:0]
0x0D0E
[7:0]
Tuning word readback bits[15:8]
0x0D0F
[7:0]
Tuning word readback bits[23:9]
0x0D10
[7:0]
Tuning word readback
Tuning word readback bits[31:24]
1 Note that these registers contain the current 30-bit DCO frequency tuning word that is generated by the tuning word history logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com