Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 58Page - Analog Devices AD9557/PCBZ Datasheet HTML 59Page - Analog Devices AD9557/PCBZ Datasheet HTML 60Page - Analog Devices AD9557/PCBZ Datasheet HTML 61Page - Analog Devices AD9557/PCBZ Datasheet HTML 62Page - Analog Devices AD9557/PCBZ Datasheet HTML 63Page - Analog Devices AD9557/PCBZ Datasheet HTML 64Page - Analog Devices AD9557/PCBZ Datasheet HTML 65Page - Analog Devices AD9557/PCBZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 62 of 92
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x07DC
Reserved
00
0x07DD
Reserved
00
0x07DE
Reserved
BC
0x07DF
Reserved
02
0x07E0
Reserved
0A
0x07E1
Reserved
0A
0x07E2
Reserved
BC
0x07E3
Reserved
02
0x07E4
Reserved
00
0x07E5
Reserved
0A
0x07E6
Reserved
0A
Operational Controls
0x0A00
Power-down
Soft reset
exclude
regmap
DCO PD
SYSCLK PD
Ref input
PD
TDC PD
APLL PD
Clock dist
PD
Full PD
00
0x0A01
Loop mode
Reserved
User
holdover
User freerun
REF switchover mode[2:0]
Reserved
User ref in
manual
switchover
mode
00
0x0A02
Cal/sync
Reserved
Soft sync
clock dist
Reserved
00
0x0A03
A
Clear/reset
functions
Reserved
Clear LF
Clear CCI
Reserved
Clear auto
sync
Clear TW
history
Clear all
IRQs
Clear
watchdog
00
0x0A04
A
IRQ clearing
Reserved
SYSCLK
unlocked
SYSCLK
locked
APLL
unlocked
APLL locked
APLL cal
ended
APLL cal
started
00
0x0A05
A
Reserved
Pin program
end
Sync
clock dist
Watchdog
timer
EEPROM
fault
EEPROM
complete
00
0x0A06
A
Switching
Closed
Freerun
Holdover
Frequency
unlocked
Frequency
locked
Phase
unlocked
Phase
locked
00
0x0A07
A
Reserved
History
updated
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
00
0x0A08
A
Reserved
REFB
validated
REFB fault
cleared
REFB fault
Reserved
REFA
validated
REFA fault
cleared
REFA fault
00
0x0A09
A
Reserved
Reserved
00
0x0A0A
A
Increment
phase offset
Reserved
Reset phase
offset
Decrement
phase offset
Increment
phase offset
00
0x0A0B
A
Manual
reference
validation
Reserved
Force
Timeout B
Force
Timeout A
00
0x0A0C
Manual
reference
invalidation
Reserved
REF Mon
Override B
REF Mon
Override A
00
0x0A0D
Static
reference
validation
Reserved
REF Mon
Bypass B
REF Mon
Bypass A
00
Quick In-Out Frequency Soft Pin Configuration
0x0C00
L, E
Enable Soft
Pin Section 1
Reserved
EN Soft Pin
Section 1
00
0x0C01
L, E
Soft Pin
Section 1
Output frequency selection[3:0]
Input frequency selection[3:0]
00
0x0C02
L, E
Reserved
SYSCLK PLL ref sel[1:0]
00
0x0C03
L, E
Enable Soft
Pin Section 2
Reserved
EN Soft Pin
Section 2
00
0x0C04
L, E
Soft Pin
Section 2
Reserved
REFB frequency scale[1:0]
REFA frequency scale[1:0]
00
0x0C05
L, E
Reserved
Channel 1 output frequency
scale[1:0]
Channel 0 output
frequency scale[1:0]
00
0x0C06
L, E
Reserved
Sel high PM
base loop
filter
DPLL loop BW[1:0]
REF input frequency
tolerance[1:0]
00
0x0C07
L, A,
E
Soft pin
transfer
Reserved
Soft pin
start transfer
00
0x0C08
L, E
Soft pin
reset
Reserved
Soft pin
reset
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com