Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 51Page - Analog Devices AD9557/PCBZ Datasheet HTML 52Page - Analog Devices AD9557/PCBZ Datasheet HTML 53Page - Analog Devices AD9557/PCBZ Datasheet HTML 54Page - Analog Devices AD9557/PCBZ Datasheet HTML 55Page - Analog Devices AD9557/PCBZ Datasheet HTML 56Page - Analog Devices AD9557/PCBZ Datasheet HTML 57Page - Analog Devices AD9557/PCBZ Datasheet HTML 58Page - Analog Devices AD9557/PCBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 55 of 92
Hard Pin Program
PINCONTROL = High
Register 0x0C01[7:4]
Soft Pin Program
PINCONTROL = Low,
Freq ID
Frequency (MHz)
Frequency Description
M3 Pin
M2 Pin
M1 Pin
B7
B6
B5
B4
13
693.4830
644.53125 MHz × 255/237
½
½
½
1
1
0
1
14
698.8124
622.08 MHz × 255/237
½
½
1
1
1
1
0
15
704.380580
657.421875 MHz × 255/238
½
1
0
1
1
1
1
Table 34. System Clock Configuration in Hard Pin and Soft Pin Programming Modes
Hard Pin Program
PINCONTROL = High,
IRQ Pin
Soft Pin Program
PINCONTROL = Low,
Register 0x0C02[1:0]
Equivalent
System Clock
PLL Register
Settings
Freq ID
Frequency (MHz)
System Clock Configuration
IRQ Pin
Bit 1
Bit 0
0
49.152
XTAL mode, doubler on, N = 8
0
0
0
0001, 0000, 1000
1
49.152
XTAL mode off, doubler on, N = 8
½
0
1
2
24.576
XTAL mode, doubler on, N = 16
1
1
0
3
98.304
XTAL mode off, doubler off, N = 8
N/A
1
1
HARD PIN PROGRAMMING MODE
The state of the PINCONTROL pin at power-up controls
whether or not the chip is in hard pin programming mode.
Setting the PINCONTROL pin high disables the I2C protocol,
although the register map can be accessed via the SPI protocol.
The M0 pin selects one of three input frequencies, and the
M3 to M1 pins select one of 16 possible output frequencies.
See Table 32 and Table 33 for details.
The system clock configuration is controlled by the state of
the IRQ pin at startup (see Table 34).
The digital PLL loop
bandwidth, reference input frequency accuracy tolerance
ranges, and DPLL phase margin selection are not available
in hard pin programming mode unless the user uses the
serial port to change their default values.
When in hard pin programming mode, the user must set
Register 0x0200[0] = 1 to activate the IRQ, REF status, and
PLL lock status signals at the multifunction pins.
SOFT PIN PROGRAMMING MODE OVERVIEW
The soft pin programming function is controlled by a dedicated
register section (Address 0x0C00 to Address 0x0C08). The
purpose of soft pin programming is to use the register bits to
mimic the hard pins for the configuration section. When in
soft pin programming mode, both the SPI and I2C ports are
available.
•
Address 0x0C00[0] enables accessibility to Address
0x0C01 and Address 0x0C02 (Soft Pin Section 1). This
bit must be set in soft pin mode.
•
Address 0x0C03[0] enables accessibility to Address 0x0C04
to Address 0x0C06 (Soft Pin Section 2). This bit must be
set in soft pin mode.
•
Address 0x0C01[3:0] select one of 16 input frequencies.
•
Address 0x0C01[7:4] select one of 16 output frequencies.
•
Address 0x0C02[1:0] select the system clock configuration.
•
Address 0x0C06[1:0] select one of four input frequency
tolerance ranges.
•
Address 0x0C06[3:2] select one of four DPLL loop
bandwidths.
•
Address 0x0C06[4] selects the DPLL phase margin.
•
Address 0x0C04[3:0] scale the REFA and REFB input
frequency down by divide-by-1, -4, -8, or -16 independently.
For example, when Address 0x0C01[3:0] = 0101 to select
622.08 MHz input frequency for both REFA and REFB,
setting Address 0x0C04[1:0] = 0x01 scales down the REFA
input frequency to 155.52 MHz (= 622.08 MHz/4). This is
done by internally scaling the R divider for REFA up by
4× and the REFA period up by 4×.
•
Address 0x0C05[3:0] scale the Channel 0 and Channel 1
output frequency down by divide-by-1, divide-by-4,
divide-by-8, or divide-by-16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com