Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 78Page - Analog Devices AD9557/PCBZ Datasheet HTML 79Page - Analog Devices AD9557/PCBZ Datasheet HTML 80Page - Analog Devices AD9557/PCBZ Datasheet HTML 81Page - Analog Devices AD9557/PCBZ Datasheet HTML 82Page - Analog Devices AD9557/PCBZ Datasheet HTML 83Page - Analog Devices AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices AD9557/PCBZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 82 of 92
QUICK IN/OUT FREQUENCY SOFT PIN CONFIGURATION (REGISTER 0x0C00 TO REGISTER 0x0C08)
Table 97. Soft Pin Program Setting
Address
Bits
Bit Name
Description
[7:1]
Reserved
Reserved
0x0C00
0
Enable Soft Pin
Section 1
0 (default) = disables the function of soft pin registers in Soft Pin Section 1 (Register 0x0C01 and
Register 0x0C02).
1 = enables the function of soft pin registers in Soft Pin Section 1 (Register 0x0C01 and Register
0x0C02) when the PINCONTROL pin is low at startup and/or reset.
The register in Soft Pin Section 1 configures the part into one of 256 preconfigured input-to-
output frequency translations stored in the on-chip ROM.
The registers in Soft Pin Section 1 (Register 0x0C00 to Register 0x0C02) are ignored when the
PINCONTROL pin is high at power-up and/or reset (which means the hard pin program is enabled).
[7:4]
Output frequency
selection
Selects one of 16 predefined output frequencies as ouptut frequency of the desired frequency
translation and reprogram the free run TW, N2, RF div, and M0 to M3 divider with the value
stored in the ROM.
0x0C01
[3:0]
Input frequency
selection
Selects one of 16 predefined input frequencies as the input frequency of the desired frequency
translation and reprogram the reference period, R divider, N1, FRAC1, and MOD1 in four REF
profiles with the value stored in the ROM.
0x0C02
[7:2]
Reserved
Reserved.
[1:0]
System clock PLL
ref selection
Selects one of the four predefined system PLL references for the desired frequency translation
and reprogram the system PLL configuration with the value stored in the ROM. To load values
from ROM, user must write Register 0x0C07[0] = 1 after writing this value.
Register 0x0C02[1:0]
Equivalent System Clock PLL Settings,
Register 0x0100 to Register 0x101[3:0]
System
PLL Ref
Bit 1
Bit 0
12 Bits
1
0
0
24.576 MHz XTAL, ×2 on, N = 16
2
0
1
49.152 MHz XTAL, ×2 on, N = 8
3
1
0
24.576 MHz XO, ×2 off, N = 32
4
1
1
49.152 MHz XO, ×2 off, N = 16
0x0C03
[7:1]
Reserved
Reserved.
0
Enable Soft Pin
Section 2
0 (default) = disables the function of soft pin registers in Soft Pin Section 2 (Register 0x0C04 to
Register 0x0C06).
1 = enables the function of soft pin registers in Soft Pin Section 2 (Register 0x0C04 to Register 0x0C06)
when PINCONTROL pin is low.
[7:4]
Reserved
Reserved.
[3:2]
REFB frequency scale
Scales selected input frequency (defined by Register 0x0C01[3:0]) for REFB.
00 (default) = divide-by-1.
01 = divide-by-4.
10 = divide-by-8.
11 = divide-by-16.
For example, if the selected input frequency is 622.08 MHz and Register 0x0C04[3:2] = 11b,
the new input frequency should be 622.08 MHz/16 = 38.8 MHz
0x0C04
[1:0]
REFA frequency scale
Scales selected input frequency (defined by Register 0x0C01[3:0]) for REFA.
00 (default) = divide-by-1.
01 = divide-by-4.
10 = divide-by-8.
11 = divide-by-16.
0x0C05
[7:4]
Reserved
Reserved.
[3:2]
Channel 1 output
frequency scale
Scales selected output frequency (defined by Register 0x0C01[7:4]) for Channel Divider 1 output.
00 (default) = divide-by-1.
01 = divide-by-4.
10 = divide-by-8.
11 = divide-by-16.
[1:0]
Channel 0 output
frequency scale
Scales selected output frequency (defined by Register 0x0C01[7:4]) for Channel Divider 0 output.
00 (default) = divide-by-1.
01 = divide-by-4.
10 = divide-by-8.
11 = divide-by-16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com