Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 71Page - Analog Devices AD9557/PCBZ Datasheet HTML 72Page - Analog Devices AD9557/PCBZ Datasheet HTML 73Page - Analog Devices AD9557/PCBZ Datasheet HTML 74Page - Analog Devices AD9557/PCBZ Datasheet HTML 75Page - Analog Devices AD9557/PCBZ Datasheet HTML 76Page - Analog Devices AD9557/PCBZ Datasheet HTML 77Page - Analog Devices AD9557/PCBZ Datasheet HTML 78Page - Analog Devices AD9557/PCBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 75 of 92
Table 69. Distribution Channel 0 Divider Setting
Address
Bits
Bit Name
Description
0x0502
[7:0]
Channel 0 divider
10-bit Channel 0 divider, Bits[7:0] (LSB).
Division equals Channel 0 divider, Bits[9:0] + 1.
([9:0] = 0 is divide-by-1, [9:0] = 1 is divide-by-2…[9:0] = 1023 is divide-by-1024)
0x0503
[7:4]
Reserved
Reserved
3
Channel 0 PD
0 (default) = normal operation.
1 = powers down Channel 0.
2
Select RF divider for Channel 2
1 = selects RF Divider 2 as prescaler for Channel 0 divider.
0 (default) =selects RF Divider 1 as prescaler for Channel 0 divider.
[1:0]
Channel 0 divider
10-bit channel divider, Bits[9:8] (MSB).
[7:6]
Reserved
Reserved.
0x0504
[5:0]
Channel 0 divider phase
Divider initial phase after sync relative to the divider input clock (from the RF divider
output). LSB is ½ of a period of the divider input clock.
Phase = 0 is no phase offset.
Phase = 1 is ½ a period offset.
Table 70. Distribution OUT1 Setting
Address
Bits
Bit Name
Description
7
Reserved
Reserved.
[6:4]
OUT1 format
These bits set the OUT1 driver mode.
000 = PD, tristate.
001 (default) = HSTL.
010 = LVDS.
011 = reserved.
100 = CMOS, both outputs active.
101 = CMOS, P output active, N output PD.
110 = CMOS, N output active, P output PD.
111 = reserved.
[3:2]
OUT1 polarity
These bits configure the OUT1 polarity in CMOS mode and are active only in CMOS mode.
00 (default) = positive, negative.
01 = positive, positive.
10 = negative, positive.
11 = negative, negative.
1
OUT1 drive strength
Controls the output drive capability of OUT1.
0 (default) = LVDS: 3.5 mA nominal.
1 = LVDS: 4.5 mA nominal (LVDS boost mode).
No CMOS control because OUT1 is 1.8 V CMOS only.
0x0505
0
Enable OUT1
Setting this bit enables the OUT1 driver (default is disabled).
0x0506
[7:0]
Reserved
Reserved.
Table 71. Distribution Channel 1 Divider Setting
Address
Bits
Bit Name
Description
0x0507
[7:0]
Channel 1 divider
The same control for Channel 1 divider as in Register 0x0502 for Channel 0 divider
0x0508
[7:0]
Channel 1 divider
The same control for Channel 1 divider as in Register 0x0503 for Channel 0 divider
0x0509
[7:0]
Channel 1 divider
The same control for Channel 1 divider as in Register 0x0504 for Channel 0 divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com