Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 55Page - Analog Devices AD9557/PCBZ Datasheet HTML 56Page - Analog Devices AD9557/PCBZ Datasheet HTML 57Page - Analog Devices AD9557/PCBZ Datasheet HTML 58Page - Analog Devices AD9557/PCBZ Datasheet HTML 59Page - Analog Devices AD9557/PCBZ Datasheet HTML 60Page - Analog Devices AD9557/PCBZ Datasheet HTML 61Page - Analog Devices AD9557/PCBZ Datasheet HTML 62Page - Analog Devices AD9557/PCBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 59 of 92
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Reference Inputs
0x0600
Reference
power-
down
Reserved
Reserved
REFB
power-
down
REFA
power-
down
00
0x0601
Reference
logic type
Reserved
REFB logic type[1:0]
REFA logic type[1:0]
00
0x0602
Reference
priority
Reserved
REFB priority[1:0]
REFA priority[1:0]
00
0x0603
Reserved
Reserved
00
Profile A (for REFA)
0x0700
L
Reference
period
(up to
1.1 ms)
Nominal reference period (fs), Bits[7:0] (default: 51.44 ns =1/(19.44 MHz) for default system clock setting)
C9
0x0701
L
Nominal period (fs), Bits[15:8]
EA
0x0702
L
Nominal period (fs), Bits[23:16]
10
0x0703
L
Nominal period (fs), Bits[31:24]
03
0x0704
L
Nominal period (fs), Bits[39:32]
00
0x0705
L
Frequency
tolerance
Inner tolerance (1 ppm), Bits[7:0] (for reference invalid to valid; 50% down to 1 ppm) (default: 5%)
14
0x0706
L
Inner tolerance (1 ppm), Bits[15:8] (for reference invalid to valid; 50% down to 1 ppm)
00
0x0707
L
Reserved
Inner tolerance, Bits[19:16]
00
0x0708
L
Outer tolerance (1 ppm), Bits[7:0] (for reference valid to invalid; 50% down to 1 ppm) (default: 10%)
0A
0x0709
L
Outer tolerance (1 ppm), Bits[15:8] (for reference valid to invalid; 50% down to 1 ppm)
00
0x070A
L
Reserved
Outer tolerance, Bits[19:16]
00
0x070B
L
Validation
Validation timer (ms), Bits[7:0] (up to 65.5 seconds)
0A
0x070C
L
Validation timer (ms), Bits[15:8] (up to 65.5 seconds]
00
0x070D
L
Reserved
Reserved
00
0x070E
L
Select base
loop filter
Reserved
Sel high PM
base loop
filter
00
0x070F
L
DPLL loop
BW
Digital PLL loop BW scaling factor[7:0] (default: 0x01F4 = 50 Hz)
F4
0x0710
L
Digital PLL loop BW scaling factor[15:8]
01
0x0711
L
Reserved
BW scaling
factor[16]
00
0x0712
L
DPLL
R divider
(20 bits)
R divider[7:0]
C5
0x0713
L
R divider[15:8]
00
0x0714
L
Reserved
Enable REFA
divide-by-2
R divider[19:16]
00
0x0715
DPLL
N divider
(17 bits)
Digital PLL feedback divider—Integer Part N1[7:0]
6B
0x0716
Digital PLL feedback divider—Integer Part N1[15:8]
07
0x0717
Reserved
Digital PLL
feedback
divider—
Integer Part
N1[16]
00
0x0718
DPLL
fractional
feedback
divider
(24 bits)
Digital PLL fractional feedback divider—FRAC1[7:0]
04
0x0719
Digital PLL fractional feedback divider—FRAC1[15:8]
00
0x071A
Digital PLL fractional feedback divider—FRAC1[23:16]
00
0x071B
DPLL
fractional
feedback
divider
modulus
(24 bits)
Digital PLL feedback divider modulus—MOD1[7:0]
05
0x071C
Digital PLL feedback divider modulus—MOD1[15:8]
00
0x071D
Digital PLL feedback divider modulus—MOD1[23:16]
00
0x071E
L
Lock
detectors
Phase lock threshold[7:0] (ps)
BC
0x071F
L
Phase lock threshold[15:8] (ps)
02
0x0720
L
Phase lock fill rate[7:0]
0A
0x0721
L
Phase lock drain rate[7:0]
0A
0x0722
L
Frequency lock threshold[7:0]
BC
0x0723
L
Frequency lock threshold[15:8]
02
0x0724
L
Frequency lock threshold[23:16]
00
0x0725
L
Frequency lock fill rate[7:0]
0A
0x0726
L
Frequency lock drain rate[7:0]
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com