Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices AD9557/PCBZ Datasheet HTML 86Page - Analog Devices AD9557/PCBZ Datasheet HTML 87Page - Analog Devices AD9557/PCBZ Datasheet HTML 88Page - Analog Devices AD9557/PCBZ Datasheet HTML 89Page - Analog Devices AD9557/PCBZ Datasheet HTML 90Page - Analog Devices AD9557/PCBZ Datasheet HTML 91Page - Analog Devices AD9557/PCBZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 88 of 92
Table 116. EEPROM Storage Sequence for Reference Input Settings
Address
Bits
Bit Name
Description
0x0E24
[7:0]
Reference inputs
The default value of this register is 0x03, which the controller interprets as a data instruction. Its
decimal value is 3, so this tells the controller to transfer four bytes of data (3 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x03 in the EEPROM and increments
the EEPROM address pointer.
0x0E25
[7:0]
0x0E26
[7:0]
The default value of these two registers is 0x0600. Note that Register 0x0E25 and Register 0x0E26
are the most significant and least significant bytes of the target address, respectively. Because the
previous register contains a data instruction, these two registers define a starting address (in this
case, 0x0600). The controller stores 0x0600 in the EEPROM and increments the EEPROM pointer by 2.
It then transfers four bytes from the register map (beginning at Address 0x0600) to the EEPROM
and increments the EEPROM address pointer by 5 (four data bytes and one checksum byte). The
four bytes transferred correspond to the reference inputs parameters in the register map.
Table 117. Reserved
Address
Bits
Bit Name
Description
0x0E27
[7:0]
Reserved
Reserved.
0x0E28
[7:0]
0x0E29
[7:0]
Reserved
Reserved.
Table 118. EEPROM Storage Sequence for REFA Profile Settings
Address
Bits
Bit Name
Description
0x0E2A
[7:0]
REFA profile
The default value of this register is 0x26, which the controller interprets as a data instruction. Its
decimal value is 38, so this tells the controller to transfer 39 bytes of data (38 + 1), beginning at
the address specified by the next two bytes. The controller stores 0x26 in the EEPROM and
increments the EEPROM address pointer.
0x0E2B
[7:0]
0x0E2C
[7:0]
The default value of these two registers is 0x0700. Note that Register 0x0E2B and Register 0x0E2C
are the most significant and least significant bytes of the target address, respectively. Because the
previous register contains a data instruction, these two registers define a starting address (in this
case, 0x0700). The controller stores 0x0700 in the EEPROM and increments the EEPROM pointer by 2.
It then transfers 39 bytes from the register map (beginning at Address 0x0700) to the EEPROM
and increments the EEPROM address pointer by 40 (39 data bytes and one checksum byte).
The 39 bytes transferred correspond to the REFA profile parameters in the register map.
Table 119. EEPROM Storage Sequence for REFB Profile Settings
Address
Bits
Bit Name
Description
0x0E2D
[7:0]
REFB profile
The default value of this register is 0x26, which the controller interprets as a data instruction. Its
decimal value is 38, so this tells the controller to transfer 39 bytes of data (38 + 1), beginning at
the address specified by the next two bytes. The controller stores 0x26 in the EEPROM and
increments the EEPROM address pointer.
0x0E2E
[7:0]
0x0E2F
[7:0]
The default value of these two registers is 0x0740. Note that Register 0x0E2E and Register 0x0E2F
are the most significant and least significant bytes of the target address, respectively. Because the
previous register contains a data instruction, these two registers define a starting address (in this
case, 0x0740). The controller stores 0x0740 in the EEPROM and increments the EEPROM pointer by 2.
It then transfers 39 bytes from the register map (beginning at Address 0x0740) to the EEPROM
and increments the EEPROM address pointer by 40 (39 data bytes and one checksum byte). The
39 bytes transferred correspond to the REFB Profile parameters in the register map.
0x0E30 to
0x0E35
[7:0]
Reserved
Reserved.
0x0E36
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update instruction.
The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com