Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 72Page - Analog Devices AD9557/PCBZ Datasheet HTML 73Page - Analog Devices AD9557/PCBZ Datasheet HTML 74Page - Analog Devices AD9557/PCBZ Datasheet HTML 75Page - Analog Devices AD9557/PCBZ Datasheet HTML 76Page - Analog Devices AD9557/PCBZ Datasheet HTML 77Page - Analog Devices AD9557/PCBZ Datasheet HTML 78Page - Analog Devices AD9557/PCBZ Datasheet HTML 79Page - Analog Devices AD9557/PCBZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 76 of 92
REFERENCE INPUTS (REGISTER 0x0600 TO REGISTER 0x0602)
Table 72. Reference Power-Down1
Address
Bits
Bit Name
Description
[7:2]
Reserved
Reserved.
1
REFB power-down
Powers down REFB input receiver.
0 (default) = not powered down.
1 = powered down.
0x0600
0
REFA power-down
Powers down REFA input receiver.
0 (default) = not powered down.
1 = powered down.
1When all bits are set, the reference receiver section enters a deep sleep mode.
Table 73. Reference Logic Family
Address
Bits
Bit Name
Description
[7:4]
Reserved
Reserved.
[3:2]
REFB logic type
Selects logic family for REFB input receiver; only REFB_P is used in CMOS mode.
00 (default) = differential.
01 = 1.2 V to 1.5 V CMOS.
10 = 1.8 V to 2.5 V CMOS.
11 = 3.0 V to 3.3 V CMOS.
0x0601
[1:0]
REFA logic type
The REFA logic type settings are the same as Register 0x0601[3:2] for REFB.
Table 74. Reference Priority Setting
Address
Bits
Bit Name
Description
[7:4]
Reserved
Reserved.
[3:2]
REFB priority
User assigned priority level (0 to 3) of the reference associated with REFB, which ranks
that reference relative to the others.
00 (default) = 0.
01 = 1.
10 = 2.
11 = 3.
0x0602
[1:0]
REFA priority
The REFA priority settings are the same as in Register 0x0602[3:2] for REFB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com