Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 70Page - Analog Devices AD9557/PCBZ Datasheet HTML 71Page - Analog Devices AD9557/PCBZ Datasheet HTML 72Page - Analog Devices AD9557/PCBZ Datasheet HTML 73Page - Analog Devices AD9557/PCBZ Datasheet HTML 74Page - Analog Devices AD9557/PCBZ Datasheet HTML 75Page - Analog Devices AD9557/PCBZ Datasheet HTML 76Page - Analog Devices AD9557/PCBZ Datasheet HTML 77Page - Analog Devices AD9557/PCBZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 74 of 92
OUTPUT CLOCK DISTRIBUTION (REGISTER 0x0500 TO REGISTER 0x0515)
Table 67. Distribution Output Synchronization Settings
Address
Bits
Bit Name
Description
[7:6]
Reserved
Reserved.
5
Mask Channel 1 sync
Masks the synchronous reset to the Channel 1 divider.
0 (default) = unmasked. The output drivers do not toggle until a SYNC pulse occurs.
1 = masked. Setting this bit asynchronously releases Channel 1 from the static sync state,
thus allowing the Channel 1 divider to toggle. Channel 1 ignores all sync events while this
bit is set. Setting this bit does not enable the output drivers connected to this channel.
In addition, the output distribution sync also depends on the setting of Register 0x0405[3].
4
Mask Channel 0 sync
Masks the synchronous reset to the Channel 0 divider.
0 (default) = unmasked. The output drivers do not toggle until a SYNC pulse occurs.
1 = masked. Setting this bit asynchronously releases Channel 0 from the static sync state,
thus allowing the Channel 0 divider to toggle. Channel 0 ignores all sync events while this
bit is set. Setting this bit does not enable the output drivers connected to this channel.
In addition, the output distribution sync also depends on the setting of Register 0x0405[3].
3
Reserved
Reserved.
2
Sync source selection
Selects the sync source for the clock distribution output channels.
0 (default) = direct. The sync pulse occurs on the next I/O update.
1 = active reference.
Note that the output distribution sync also depends on the APLL being calibrated and
locked, unless Register 0x0405[3] = 1b.
0x0500
[1:0]
Automatic sync mode
Autosync mode.
00 = disabled. A sync command must be issued manually or by using the sync mask bits
in this register (Bits[5:4]).
01 = sync on DPLL frequency lock.
10 (default) = sync on DPLL phase lock.
11 = reserved.
Table 68. Distribution OUT0 Setting
Address
Bits
Bit Name
Description
0x0501
7
Enable 3.3 V CMOS driver
0 (default) = disables 3.3 V CMOS driver, and OUT0 logic is controlled by Register 0x0501[6:4]
1 = enables 3.3 V CMOS driver as operating mode of OUT0.
This bit should be set to 1b only if Bits[6:4] are in CMOS mode.
[6:4]
OUT0 format
These bits set the OUT0 driver mode.
000 = PD, tristate.
001 (default) = HSTL.
010 = LVDS.
011 = reserved.
100 = CMOS, both outputs active.
101 = CMOS, P output active, N output power-down.
110 = CMOS, N output active, P output power-down.
111 = reserved.
[3:2]
OUT0 polarity
Controls the OUT0 polarity.
00 (default) = positive, negative.
01 = positive, positive.
10 = negative, positive.
11 = negative, nevative.
1
OUT0 drive strength
Controls the output drive capability of OUT0.
0 (default) = CMOS: low drive strength; LVDS: 3.5 mA nominal.
1 = CMOS: normal drive strength; LVDS: 4.5 mA nominal (LVDS boost mode).
Note that this is only in 3.3 V CMOS mode for CMOS strength. 1.8 V CMOS has only the
low drive strength.
0
Enable OUT0
Enables/disables (1b/0b) OUT0 1.8 V driver (default is disabled).
This bit does not enable/disable OUT0 if Bit 7 of this register is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com