Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 75Page - Analog Devices AD9557/PCBZ Datasheet HTML 76Page - Analog Devices AD9557/PCBZ Datasheet HTML 77Page - Analog Devices AD9557/PCBZ Datasheet HTML 78Page - Analog Devices AD9557/PCBZ Datasheet HTML 79Page - Analog Devices AD9557/PCBZ Datasheet HTML 80Page - Analog Devices AD9557/PCBZ Datasheet HTML 81Page - Analog Devices AD9557/PCBZ Datasheet HTML 82Page - Analog Devices AD9557/PCBZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 79 of 92
REFB Profile (Register 0x0740 to Register 0x0766)
The REFB profile registers, Register 0x0740 to Register 0x0766, are identical to the REFA profile registers, Register 0x0700 to Register 0x0726.
OPERATIONAL CONTROLS (REGISTER 0x0A00 TO REGISTER 0x0A0D)
Table 86. General Power-Down
Address
Bits
Bit Name
Description
7
Soft reset exclude regmap
Resets device but retain programmed register values (default is not reset)
6
DCO power-down
Places DCO in deep sleep mode (default is not powered down)
5
SYSCLK power-down
Places SYSCLK input and PLL in deep sleep mode (default is not powered down)
4
Reference input power-down
Places reference clock inputs in deep sleep mode (default is not powered down)
3
TDC power-down
Places the time-to-digital converter in deep sleep mode (default is not powered down)
2
APLL power-down
Places the Output PLL in deep sleep mode (default is not powered down)
1
Clock dist power-down
Places the clock distribution outputs in deep sleep mode (default is not powered down)
0x0A00
0
Full power-down
Places the entire device in deep sleep mode (default is not powered down)
Table 87. Loop Mode
Address
Bits
Bit Name
Description
7
Reserved
Reserved.
6
User holdover
Forces the device into holdover mode (default is not forced holdover mode).
If a tuning word history is available, then the history tuning word specifies the DCO
output frequency. Otherwise, the free run frequency tuning word register specifies the
DCO output frequency.
The phase and frequency lock detectors are forced into the unlocked state.
5
User freerun
Forces the device into user free run mode (default is not forced user free run mode).
The free run frequency tuning word register specifies the DCO output frequency. When
the user freerun bit is set, it overrides the user holdover bit (Address 0x0A01, Bit 6).
[4:2]
REF switchover mode
Selects the operating mode of the reference switching state machine.
Reference Switchover Mode, Bits[2:0];
Register 0x0A01[4:2]
Reference Selection Mode
000 (default)
Automatic revertive mode
001
Automatic non-revertive mode
010
Manual reference select
(with automatic fallback mode)
011
Manual reference select mode
(with auto-holdover)
100
Full manual mode (no auto-holdover)
101
Not used
110
Not used
111
Not used
0x0A01
1
Reserved
Reserved.
0
User reference in manual
switchover mode
Input reference when reference switchover mode (Register 0x0A01, Bits[4:2]) = 100.
0 (default) = Input Reference A.
1 = Input Reference B.
Table 88. Cal/Sync
Address
Bits
Bit Name
Description
[7:2]
Reserved
Default: 0x00
1
Soft sync clock distribution
Setting this bit initiates synchronization of the clock distribution output (default: 0b).
Nonmasked outputs stall when value is 1b, restart is initialized on 1b to 0b transition.
0x0A02
0
Reserved
Default: 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com