Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 72 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 68Page - Analog Devices AD9557/PCBZ Datasheet HTML 69Page - Analog Devices AD9557/PCBZ Datasheet HTML 70Page - Analog Devices AD9557/PCBZ Datasheet HTML 71Page - Analog Devices AD9557/PCBZ Datasheet HTML 72Page - Analog Devices AD9557/PCBZ Datasheet HTML 73Page - Analog Devices AD9557/PCBZ Datasheet HTML 74Page - Analog Devices AD9557/PCBZ Datasheet HTML 75Page - Analog Devices AD9557/PCBZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 72 of 92
Table 63. Base Digital Loop Filter with Normal Phase Margin (PM = 70°, BW = 0.1 Hz, Pole Frequency = 2 Hz, N1 = 1)1
Address
Bits
Bit Name
Description
0x0323
[7:0]
Alpha-0 coefficient linear bits [7:0]
0x0324
[7:0]
NPM Alpha-0 linear
Alpha-0 coefficient linear bits [15:8]
7
Reserved
Reserved
0x0325
[6:0]
NPM Alpha-1 exponent
Alpha-1 coefficient exponent bits [6:0]
0x0326
[7:0]
NPM Beta-0 linear
Beta-0 coefficient linear bits [7:0]
0x0327
[7:0]
Beta-0 coefficient linear bits [15:8]
0x0328
7
Reserved
Reserved
[6:0]
NPM Beta-1 exponent
Beta-1 coefficient exponent bits [6:0]
0x0329
[7:0]
NPM Gamma-0 linear
Gamma-0 coefficient linear bits [7:0]
0x032A
[7:0]
Gamma-0 coefficient linear bits [15:8]
0x032B
7
Reserved
Reserved
[6:0]
NPM Gamma-1 exponent
Gamma-1 coefficient exponent bits [6:0]
0x032C
[7:0]
NPM Delta-0 linear
Delta-0 coefficient linear bits [7:0]
0x032D
[7:0]
Delta-0 coefficient linear bits [15:8]
0x032E
7
Reserved
Reserved
[6:0]
NPM Delta-1 exponent
Delta-1 coefficient exponent bits [6:0]
1Note that the digital loop filter base coefficients (α, β, γ, and δ) have the general form: x(2y), where x is the linear component and y the exponential component of the
coefficient. The value of the linear component (x) constitutes a fraction, where 0 ≤ x ≤ 1. The exponential component (y) is a signed integer.
OUTPUT PLL CONFIGURATION (REGISTER 0x0400 TO REGISTER 0x0408)
Table 64. Output PLL Setting1
Address
Bits
Bit Name
Description
0x0400
[7:0]
Output PLL (APLL)
charge pump current
LSB = 3.5 μA
00000001b = 1 × LSB; 00000010b = 2 × LSB
11111111b = 255 × LSB
Default: 0x81 = 451 μA CP current
0x0401
[7:0]
APLL N divider
Division = 14 to 255
Default: 0x14 = divide-by-20
0x0402
[7:0]
Reserved
Reserved
0x0403
[7:6]
APLL loop filter control
Pole 2 resistor, Rp2; default: 0x07
Rp2 (Ω)
Bit 7
Bit 6
500 (default)
0
0
333
0
1
250
1
0
200
1
1
[5:3]
Zero resistor, Rzero
Rzero (Ω)
Bit 5
Bit 4
Bit 3
1500 (default)
0
0
0
1250
0
0
1
1000
0
1
0
930
0
1
1
1250
1
0
0
1000
1
0
1
750
1
1
0
680
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com