Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 84 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 80Page - Analog Devices AD9557/PCBZ Datasheet HTML 81Page - Analog Devices AD9557/PCBZ Datasheet HTML 82Page - Analog Devices AD9557/PCBZ Datasheet HTML 83Page - Analog Devices AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices AD9557/PCBZ Datasheet HTML 86Page - Analog Devices AD9557/PCBZ Datasheet HTML 87Page - Analog Devices AD9557/PCBZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 84 of 92
IRQ Monitor (Register 0x0D02 to Register 0x0D07
If not masked via the IRQ mask registers (Register 0x0209 and Register 0x020A), the appropriate IRQ monitor bit is set to Logic 1 when the
indicated event occurs. These bits are cleared only via the IRQ clearing registers (Register 0x0A04 to Register 0A0B), the reset all IRQs bit
(Register 0x0A03[1]), or a device reset.
Table 100. IRQ Monitor for SYSCLK
Address
Bits
Bit Name
Description
[7:6]
Reserved
Reserved.
5
SYSCLK unlocked
Indicates a SYSCLK PLL state transition from locked to unlocked
4
SYSCLK locked
Indicates a SYSCLK PLL state transition from unlocked to locked
3
APLL unlocked
Indicates an output PLL state transition from locked to unlocked
2
APLL locked
Indicates an output PLL state transition from unlocked to locked
1
APLL cal ended
Indicates that APLL calibration is complete
0x0D02
0
APLL cal started
Indicates that APLL in APLL calibration has begun
Table 101. IRQ Monitor for Distribution Sync, Watchdog Timer and EEPROM
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
Pin program end
Indicates successful completion of a ROM load operation
3
Output distribution sync
Indicates a distribution sync event
2
Watchdog timer
Indicates expiration of the watchdog timer
1
EEPROM fault
Indicates a fault during an EEPROM load or save operation
0x0D03
0
EEPROM complete
Indicates successful completion of an EEPROM load or save operation
Table 102. IRQ Monitor for the Digital PLL
Address
Bits
Bit Name
Description
7
Switching
Indicates that the DPLL is switching to a new reference
6
Closed
Indicates that the DPLL has entered closed-loop operation
5
Freerun
Indicates that the DPLL has entered free run mode
4
Holdover
Indicates that the DPLL has entered holdover mode
3
Frequency unlocked
Indicates that the DPLL has lost frequency lock
2
Frequency locked
Indicates that the DPLL has acquired frequency lock
1
Phase unlocked
Indicates that the DPLL has lost phase lock
0x0D04
0
Phase locked
Indicates that the DPLL has acquired phase lock
Table 103. IRQ Monitor for History Update, Frequency Limit and Phase Slew Limit
Address
Bits
Bit Name
Description
[7:5]
Reserved
Reserved
4
History updated
Indicates the occurrence of a tuning word history update
3
Frequency unclamped
Indicates a frequency limiter state transition from clamped to unclamped
2
Frequency clamped
Indicates a frequency limiter state transition from unclamped to clamped
1
Phase slew unlimited
Indicates a phase slew limiter state transition from slew limiting to not slew limiting
0x0D05
0
Phase slew limited
Indicates a phase slew limiter state transition from not slew limiting to slew limiting
Table 104. IRQ Monitor for Reference Inputs
Address
Bits
Bit Name
Description
7
Reserved
Reserved
6
REFB validated
Indicates that REFB has been validated
5
REFB fault cleared
Indicates that REFB has been cleared of a previous fault
4
REFB fault
Indicates that REFB has been faulted
3
Reserved
Reserved
2
REFA validated
Indicates that REFA has been validated
1
REFA fault cleared
Indicates that REFA has been cleared of a previous fault
0x0D06
0
REFA fault
Indicates that REFA has been faulted
0x0D07
[7:0]
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com