Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9557/PCBZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD9557/PCBZ
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 84Page - Analog Devices AD9557/PCBZ Datasheet HTML 85Page - Analog Devices AD9557/PCBZ Datasheet HTML 86Page - Analog Devices AD9557/PCBZ Datasheet HTML 87Page - Analog Devices AD9557/PCBZ Datasheet HTML 88Page - Analog Devices AD9557/PCBZ Datasheet HTML 89Page - Analog Devices AD9557/PCBZ Datasheet HTML 90Page - Analog Devices AD9557/PCBZ Datasheet HTML 91Page - Analog Devices AD9557/PCBZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
AD9557
Data Sheet
Rev. A | Page 90 of 92
Table 124. Multifunction Pin Output Functions (D7 = 1)
Register Value
Output Function
Equivalent Status Register
0x80
Static Logic 0
None
0x81
Static Logic 1
None
0x82
System clock divided by 32
None
0x83
Watchdog timer output
None
0x84
EEPROM upload in progress
Register 0x0D00, Bit 0
0x85
EEPROM download in progress
Register 0x0D00, Bit 1
0x86
EEPROM fault detected
Register 0x0D00, Bit 2
0x87
SYSCLK PLL lock detected
Register 0x0D01, Bit 0
0x88
SYSCLK PLL stable
Register 0x0D01, Bit 1
0x89
Output PLL locked
Register 0x0D01, Bit 2
0x8A
APLL calibration in process
Register 0x0D01, Bit 3
0x8B
APLL input reference present
Register 0x0D01, Bit 4
0x8C
All PLLs locked
Register 0x0D01, Bit 5
(DPLL phase lock) and (APLL lock) and (sys PLL lock)
0x8D
(DPLL phase lock) and (APLL lock)
Register 0x0D01, Bit 6
0x8E
Reserved
0x8F
Reserved
0x90
DPLL free run
Register 0x0D08, Bit 0
0x91
DPLL active
Register 0x0D08, Bit 1
0x92
DPLL in holdover
Register 0x0D08, Bit 2
0x93
DPLL in reference switchover
Register 0x0D08, Bit 3
0x94
DPLL phase locked
Register 0x0D08, Bit 4
0x95
DPLL frequency locked
Register 0x0D08, Bit 5
0x96
DPLL phase slew limited
Register 0x0D08, Bit 6
0x97
DPLL frequency clamped
Register 0x0D09, Bit 5
0x98
Tuning word history available
Register 0x0D09, Bit 4
0x99
Tuning word history updated
Register 0x0D05, Bit 4
0x9A to 0x9F
Reserved
0xA0
Reference A fault
Register 0x0D0B, Bit 2
0xA1
Reference B fault
Register 0x0D0B, Bit 6
0xA2
Reserved
0xA3
Reserved
0xA4 to Ax2F
Reserved
0xB0
Reference A valid
Register 0x0D0B, Bit 3
0xB1
Reference B valid
Register 0x0D0B, Bit 7
0xB2
Reserved
0xB3
Reserved
0xB4 to 0xBF
Reserved
0xC0
Reference A active
Register 0x0D09, Bit 0
0xC1
Reference B active
Register 0x0D09, Bit 0
0xC2
Reserved
0xC3
Reserved
0xC4 to 0xCF
Reserved
0xD0
Clock distribution sync pulse
Register 0x0D03, Bit 3
0xD1
Soft pin configuration in process
Register 0x0D03, Bit 4
0xD2 to 0xFF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com