Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 22 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 22 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 18Page - ELM Electronics ELM327P Datasheet HTML 19Page - ELM Electronics ELM327P Datasheet HTML 20Page - ELM Electronics ELM327P Datasheet HTML 21Page - ELM Electronics ELM327P Datasheet HTML 22Page - ELM Electronics ELM327P Datasheet HTML 23Page - ELM Electronics ELM327P Datasheet HTML 24Page - ELM Electronics ELM327P Datasheet HTML 25Page - ELM Electronics ELM327P Datasheet HTML 26Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
22 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Command Descriptions (continued)
RS232 command (the ELM327 does not print anything
to say that the send was successful, but you will see a
message if it was not).
R0 may be useful to send commands blindly when
using the IC for a non-OBD network application, or
when simulating an ECU in a learning environment. It
is not recommended that this option used for normal
OBD communications, however, as the vehicle may
have difficulty if it is expecting an acknowledgement
and never receives one.
An R0 setting will always override any ‘number of
responses digit’ that is provided with an OBD request.
The default setting is R1, or responses on.
RA hh
[ set the Receive Address to hh ]
Depending on the application, users may wish to
manually set the address to which the ELM327 will
respond. Issuing this command will turn off the AR
mode, and force the IC to only accept responses
addressed to hh. Use caution with this setting, as
depending on what you set it to, you may end up
accepting (ie. acknowledging with an IFR) a message
that was actually meant for another module. To turn off
the RA filtering, simply send AT AR.
This command is not very effective for use with the
CAN protocols, as it only monitors for one portion of
the ID bits, and that is not likely enough for most CAN
applications - the CRA command may be a better
choice. Also, this command has no effect on the
addresses used by the J1939 protocols, as the J1939
routines derive them from the header values, as
required by the SAE standard.
The RA command is exactly the same as the SR
command, and can be used interchangeably. Note that
CAN Extended Addressing does not use this value - it
uses the one set by the AT TA command.
RD
[ Read the Data in the user memory ]
The byte value stored with the SD command is
retrieved with this command. There is only one
memory location, so no address is required.
RTR
[ send an RTR message ]
This command causes a special ‘Remote Frame’
CAN message to be sent. This type of message has
no data bytes, and has its Remote Transmission
Request (RTR) bit set. The headers and filters will
remain as previously set (ie the ELM327 does not
make any assumptions as to what format a response
may have), so adjustments may need to be made to
the mask and filter. This command must be used with
an active CAN protocol (one that has been sending
and receiving messages), as it can not initiate a
protocol search. Note that the CAF1 setting normally
eliminates the display of all RTRs, so if you are
monitoring messages and want to see the RTRs, you
will have to turn off formatting, or else turn the headers
on.
The ELM327 treats an RTR just like any other
message sent, and will wait for a response from the
vehicle (unless AT R0 has been chosen).
RV
[ Read the input Voltage ]
This initiates the reading of the voltage present at
pin 2, and the conversion of it to a decimal voltage. By
default, it is assumed that the input is connected to the
voltage to be measured through a 47K
Ω and 10KΩ
resistor divider (with the 10K
Ω connected from pin 2 to
Vss), and that the ELM327 supply is a nominal 5V.
This will allow for the measurement of input voltages
up to about 28V, with an uncalibrated accuracy of
typically about 2%.
S0 and S1
[ printing of Spaces off or on ]
These commands control whether or not space
characters are inserted in the ECU response.
The ELM327 normally reports ECU responses as
a series of hex characters that are separated by space
characters (to improve readability), but messages can
be transferred much more quickly if every third byte
(the space) is removed. While this makes the message
less readable for humans, it can provide significant
improvements for computer processing of the data. By
default, spaces are on (S1), and space characters are
inserted in every response.
SD hh
[ Save Data byte hh ]
The ELM327 is able to save one byte of
information for you in a special nonvolatile memory
location, which is able to retain its contents even if the
power is turned off. Simply provide the byte to be
stored, then retrieve it later with the read data (AT RD)
command. This location is ideal for storing user
preferences, unit ids, occurrence counts, or other
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com