Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 5 Page - ELM Electronics

  ELM327P Datasheet HTML 1Page - ELM Electronics ELM327P Datasheet HTML 2Page - ELM Electronics ELM327P Datasheet HTML 3Page - ELM Electronics ELM327P Datasheet HTML 4Page - ELM Electronics ELM327P Datasheet HTML 5Page - ELM Electronics ELM327P Datasheet HTML 6Page - ELM Electronics ELM327P Datasheet HTML 7Page - ELM Electronics ELM327P Datasheet HTML 8Page - ELM Electronics ELM327P Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS..... -0.3V to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.3V to (VDD + 0.3V)
Note:
These values are given as a design guideline only.
The ability to operate to these levels is neither
inferred nor recommended, and stresses beyond
those listed here will likely damage the device.
5 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
These integrated circuits are 28 pin devices, available in either a 300 mil wide plastic (‘skinny’) DIP format or in a
300 mil (7.50 mm body) SOIC surface mount type of package. We do not offer an option for QFN packages.
To order, add the appropriate suffix to the part number:
300 mil 28 pin Plastic DIP..............................ELM327P
300 mil 28 pin SOIC....................................ELM327SM
ELM327
If unused, pin 24 must be connected to a logic high
(VDD) level.
RS232 Rx LED (pin 25), RS232 Tx LED (pin 26),
OBD Rx LED (pin 27) and OBD Tx LED (pin 28)
These four output pins are normally high, and are
driven to low levels when the ELM327 is transmitting
or receiving data. These outputs are suitable for
directly driving most LEDs through current limiting
resistors, or interfacing to other logic circuits. If
unused, these pins may be left open-circuited.
Note that pin 28 can also be used to turn off all of the
Programmable Parameters, if you can not do so by
using the normal interface - see pages 54 and 55 for
more details.
Pin Descriptions (continued)
Unused Pins
When people only want to implement a portion of what the ELM327 is capable of, they often ask what to do with the
unused pins. The rule is that unused outputs may be left open-circuited with nothing connected to them, but unused
inputs must be terminated. The ELM327 is a CMOS integrated circuit that can not have any inputs left floating (or
you might damage the IC). Connect unused inputs as follows:
1
2
5
6
7
11
12
13
15
18
24
Pin
Level
H
H
H
H
H*
H*
H*
H*
H*
L*
L*
Note that the inputs that are shown with an asterisk (*) may be connected to either a High (VDD) or a Low (VSS)
level, but the level shown is preferred.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com