Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 25 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 25 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 21Page - ELM Electronics ELM327P Datasheet HTML 22Page - ELM Electronics ELM327P Datasheet HTML 23Page - ELM Electronics ELM327P Datasheet HTML 24Page - ELM Electronics ELM327P Datasheet HTML 25Page - ELM Electronics ELM327P Datasheet HTML 26Page - ELM Electronics ELM327P Datasheet HTML 27Page - ELM Electronics ELM327P Datasheet HTML 28Page - ELM Electronics ELM327P Datasheet HTML 29Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
25 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Command Descriptions (continued)
ST hh
[ Set Timeout to hh ]
After sending a request, the ELM327 waits a
preset time for a response before it can declare that
there was ‘NO DATA’ received from the vehicle. The
same timer setting is also used after a response has
been received, while waiting to see if more are
coming. The AT ST command allows this timer to be
adjusted, in increments of 4 msec (or 20 msec if in the
J1939 protocol, with JTM5 selected).
When Adaptive Timing is enabled, the AT ST time
sets the maximum time that is to be allowed, even if
the adaptive algorithm determines that the setting
should be longer. In most circumstances, it is best to
simply leave the AT ST time at the default setting, and
let the adaptive timing algorithm determine what to use
for the timeout.
The ST timer is set to 32 by default (giving a time
of approximately 200 msec), but this value can be
adjusted by changing PP 03. Note that a value of 00
does not result in a time of 0 msec – it will restore the
timer to the default value.
SW hh
[ Set Wakeup to hh ]
Once a data connection has been established,
some protocols require that there be data flow every
few seconds, just so that the ECU knows to maintain
the communications path open. If the messages do not
appear, the ECU will assume that you are finished,
and will close the channel. The connection will need to
be initialized again to reestablish communications.
The ELM327 will automatically generate periodic
messages, as required, in order to maintain a
connection. The replies to these messages are always
ignored, and are not visible to the user. (Currently,
only protocols 3, 4, and 5 support these messages -
nothing is available for CAN.)
The time interval between these periodic ‘wakeup’
messages can be adjusted in 20 msec increments
using the AT SW hh command, where hh is any
hexadecimal value from 00 to FF. The maximum
possible time delay of just over 5 seconds results
when a value of FF (decimal 255) is used. The default
setting provides a nominal delay of 3 seconds between
messages.
Note that the value 00 (zero) is treated as a very
special case, and must be used with caution, as it will
stop all periodic messages. This way of stopping the
messages while keeping the rest of the protocol
functioning normally, is for experimenters, and is not
intended to be used regularly. Issuing AT SW 00 will
not change a prior setting for the time between
wakeup messages, if the protocol is re-initialized.
TA hh
[ set the Tester Address to hh ]
This command is used to change the current
tester (ie. scan tool) address that is used in the
headers, periodic messages, filters, etc. The ELM327
normally uses the value that is stored in PP 06 for this,
but the TA command allows you to temporarily
override that value.
Sending AT TA will affect all protocols, including
J1939. This provides a convenient means to change
the J1939 address from the default value of F9,
without affecting other settings.
Although this command may appear to work ‘on
the fly’, it is not recommended that you try to change
this address after a protocol is active, as the results
may be unpredictable.
TP h
[ Try Protocol h ]
This command is identical to the SP command,
except that the protocol that you select is not
immediately saved in internal memory, so does not
change the default setting. Note that if the memory
function is enabled (AT M1), and this new protocol that
you are trying is found to be valid, that protocol will
then be stored in memory as the new default.
TP Ah
[ Try Protocol h with Auto ]
This command is very similar to the AT TP
command above, except that if the protocol that is tried
should
fail
to
initialize,
the
ELM327
will
then
automatically sequence through the other protocols,
attempting to connect to one of them.
V0 and V1
[ Variable data lengths off or on ]
These commands modify the current CAN protocol
settings to allow the sending of variable data length
messages, just as bit 6 of PP 2C and PP 2E do for
protocols B and C. This allows experimenting with
variable data length messages for any of the CAN
protocols (not just B and C). The V1 command will
always override any protocol setting, and force a
variable data length message. The default setting is
V0, providing data lengths as determined by the
protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com