Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 31 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 31 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 27Page - ELM Electronics ELM327P Datasheet HTML 28Page - ELM Electronics ELM327P Datasheet HTML 29Page - ELM Electronics ELM327P Datasheet HTML 30Page - ELM Electronics ELM327P Datasheet HTML 31Page - ELM Electronics ELM327P Datasheet HTML 32Page - ELM Electronics ELM327P Datasheet HTML 33Page - ELM Electronics ELM327P Datasheet HTML 34Page - ELM Electronics ELM327P Datasheet HTML 35Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Interpreting Trouble Codes
Likely the most common use that the ELM327 will
be put to is in obtaining the current Diagnostic Trouble
Codes (or DTCs). Minimally, this requires that a mode
03 request be made, but first one should determine
how many trouble codes are presently stored. This is
done with a mode 01 PID 01 request as follows:
>01 01
To which a typical response might be:
41 01 81 07 65 04
The 41 01 signifies a response to the request, and
the next data byte (81) is the number of current trouble
codes. Clearly there would not be 81 (hex) or 129
(decimal) trouble codes present if the vehicle is at all
operational. In fact, this byte does double duty, with
the most significant bit being used to indicate that the
malfunction indicator lamp (MIL, or ‘Check Engine
Light’) has been turned on by one of this module’s
codes (if there are more than one), while the other 7
bits of this byte provide the actual number of stored
trouble codes. In order to calculate the number of
stored codes when the MIL is on, simply subtract 128
(or 80 hex) from the number.
The above response then indicates that there is
one stored code, and it was the one that set the Check
Engine Lamp or MIL on. The remaining bytes in the
response provide information on the types of tests
supported by that particular module (see the J1979
document for further information).
In this instance, there was only one line to the
response, but if there were codes stored in other
modules, they each could have provided a line of
response. To determine which module is reporting the
trouble code, one would have to turn the headers on
(AT H1) and then look at the third byte of the three
byte header for the address of the module that sent
the information.
Having determined the number of codes stored,
the next step is to request the actual trouble codes
with a mode 03 request (there is no PID needed):
>03
A response to this could be:
43 01 33 00 00 00 00
The ‘43’ in the above response simply indicates
that this is a response to a mode 03 request. The other
6 bytes in the response have to be read in pairs to
show
the
trouble
codes
(the
above
would
be
interpreted as 0133, 0000, and 0000). Note that the
response has been padded with 00’s as required by
the SAE standard for this mode – the 0000’s do not
represent actual trouble codes.
As was the case when requesting the number of
stored codes, the most significant bits of each trouble
code also contain additional information. It is easiest to
use the following table to interpret the extra bits in the
first digit as follows:
Powertrain Codes - SAE defined
0
“
“ - manufacturer defined
“
“ - SAE defined
“
“ - jointly defined
1
2
3
If the first hex digit received is this,
Replace it with these two characters
Chassis Codes - SAE defined
4
“
“ - reserved for future
5
6
7
Body Codes - SAE defined
8
9
A
B
Network Codes - SAE defined
C
D
E
F
P0
P1
P2
P3
C0
C1
C2
C3
B0
B1
B2
B3
U0
U1
U2
U3
“
“ - reserved for future
“
“ - manufacturer defined
“
“ - manufacturer defined
“
“ - manufacturer defined
“
“ - manufacturer defined
“
“ - manufacturer defined
“
“ - manufacturer defined
“
“ - reserved for future
Taking the example trouble code (0133), the first
digit (0) would then be replaced with P0, and the 0133
reported would become P0133 (which is the code for
an ‘oxygen sensor circuit slow response’). Note that
the ISO 15765-4 (CAN) protocol is very similar, but it
adds an extra data byte (in the second position),
showing how many data items (DTCs) are to follow.
To provide a few more examples, if the received
code was D016, you would replace the D with U1, and
the resulting trouble code would be U1016. Similarly,
1131 received would actually be for the code P1131.
31 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com