Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 56 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 56 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 52Page - ELM Electronics ELM327P Datasheet HTML 53Page - ELM Electronics ELM327P Datasheet HTML 54Page - ELM Electronics ELM327P Datasheet HTML 55Page - ELM Electronics ELM327P Datasheet HTML 56Page - ELM Electronics ELM327P Datasheet HTML 57Page - ELM Electronics ELM327P Datasheet HTML 58Page - ELM Electronics ELM327P Datasheet HTML 59Page - ELM Electronics ELM327P Datasheet HTML 60Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
Programmable Parameter Summary (continued)
56 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
P
RS232 baud rate divisor when pin 6 is high (logic 1)
The baud rate (in kbps) is given by 4000 ÷ (PP 0C value)
For example, 500 kbps requires a setting of 08 (since 4000/8 = 500)
Here are some example baud rates, and the divisor to be used:
68
(38.4)
08 to FF
0C
Note that the PP 0C value must be provided as hex digits only. The
decimal values (in brackets) are only shown for your convenience.
PP
Description
Values
Default
Type
0D
Carriage Return Character
used to detect and send line ends
10
J1850 voltage settling time
setting = value x 4.096 msec
R
0D
0D
(53 msec)
00 to FF
00 to FF
Baud Rate
(kbps)
19.2
38.4
57.6
115.2
230.4
PP 0C value
D0
(208)
68
(104)
45
(69)
23
(35)
11
(17)
500
08
(8)
hex
(dec)
0E
9A
(10011010)
00 to FF
Power Control options
Each bit of this byte controls an option, as follows:
b7: Master enable
0: off
1: on
if 0, pins 15 and 16 perform as described for v1.0 to v1.3a
must be 1 to allow any Low Power functions
b6: Pin 16 full power level
0: low
1: high
normal output level, is inverted when in low power mode
b5: Auto LP control
0: disabled
1: enabled
allows low power mode if the RS232 activity stops
b4: Auto LP timeout
0: 5 mins
1: 20 mins
no RS232 activity timeout setting
b3: Auto LP warning
0: disabled
1: enabled
if enabled, says ‘ACT ALERT’ 1 minute before RS232 timeout
b2: Ignition control
0: disabled
1: enabled
allows low power mode if the IgnMon input goes low
b1: Ignition delay
0: 1 sec
1: 5 sec
delay after IgnMon (pin 15) returns to a high level, before
normal operation resumes
b0: reserved for future - leave set at 0
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com