Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 32 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 32 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 28Page - ELM Electronics ELM327P Datasheet HTML 29Page - ELM Electronics ELM327P Datasheet HTML 30Page - ELM Electronics ELM327P Datasheet HTML 31Page - ELM Electronics ELM327P Datasheet HTML 32Page - ELM Electronics ELM327P Datasheet HTML 33Page - ELM Electronics ELM327P Datasheet HTML 34Page - ELM Electronics ELM327P Datasheet HTML 35Page - ELM Electronics ELM327P Datasheet HTML 36Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Resetting Trouble Codes
The
ELM327
is
quite
capable
of
resetting
diagnostic trouble codes, as this only requires issuing
a mode 04 command. The consequences should
always be considered before sending it, however, as
more than the MIL (or ‘Check Engine Light’) will be
reset. In fact, issuing a mode 04 will:
- reset the number of trouble codes
- erase any diagnostic trouble codes
- erase any stored freeze frame data
- erase the DTC that initiated the freeze frame
- erase all oxygen sensor test data
- erase mode 06 and 07 information
- not erase permanent (mode 0A) trouble codes
(these are reset by the ECU only)
Clearing of all of this data is not unique to the
ELM327 – it occurs whenever any scan tool is used to
reset the codes. The biggest problem with losing this
data is that your vehicle may run poorly for a short
time, while it performs a recalibration.
To avoid inadvertently erasing stored information,
the SAE specifies that scan tools must verify that a
mode 04 is intended (‘Are you sure?’) before actually
sending
it
to
the
vehicle,
as
all
trouble
code
information is immediately lost when the mode is sent.
Remember that the ELM327 does not monitor the
content of the messages, so it will not know to ask for
confirmation of the mode request – this would have to
be the duty of a software interface, if one is written.
As stated, to actually erase diagnostic trouble
codes, one need only issue a mode 04 command. A
response of 44 from the vehicle indicates that the
mode request has been carried out, the information
erased, and the MIL turned off. Some vehicles may
require a special condition to occur (eg. the ignition on
but the engine must not be running) before they will
respond to a mode 04 command.
That is all there is to clearing trouble codes. Once
again, do not accidentally send the 04 code!
Quick Guide for Reading Trouble Codes
If you do not use your ELM327 for some time, this
entire data sheet may seem like quite a bit to review
when your ‘Check Engine’ light eventually comes on,
and you just want to know why. We offer this section
as a quick guide to the basics that you will need.
To get started, connect the ELM327 circuit to your
PC or PDA and communicate with it using a terminal
program such as HyperTerminal, ZTerm, ptelnet, or a
similar program. It should normally be set to either
9600 or 38400 baud, with 8 data bits, and no parity or
handshaking.
The chart at the right provides a quick procedure
on what to do next:
32 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Ignition Key to ON,
but vehicle not running
>0101
to see how many codes
(2nd digit of the 3rd byte)
>03
to see the codes
(ignore the first byte and
read the others in pairs)
>04
to reset the codes
FIX THE VEHICLE !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com