Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 65 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 65 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 61Page - ELM Electronics ELM327P Datasheet HTML 62Page - ELM Electronics ELM327P Datasheet HTML 63Page - ELM Electronics ELM327P Datasheet HTML 64Page - ELM Electronics ELM327P Datasheet HTML 65Page - ELM Electronics ELM327P Datasheet HTML 66Page - ELM Electronics ELM327P Datasheet HTML 67Page - ELM Electronics ELM327P Datasheet HTML 68Page - ELM Electronics ELM327P Datasheet HTML 69Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
Figure 8. The J1962 Vehicle Connector
8
1
9
16
Example Applications
The SAE J1962 standard dictates that all OBD
compliant vehicles must provide a standard connector
near the driver’s seat, the shape and pinout of which is
shown in Figure 8 below. The circuitry described here
can be used to connect to this J1962 plug without
modification to your vehicle.
The male J1962 connector required to mate with a
vehicle’s connector may be difficult to obtain in some
locations, and you might be tempted to improvise by
making your own connections to the back of your
vehicle’s connector. If doing so, we recommend that
you do nothing that would compromise the integrity of
your vehicle’s OBD network. The use of any connector
which could easily short pins (such as an RJ11 type
telephone connector) is definitely not recommended.
The circuit on page 67 (Figure 9) shows how the
ELM327 might typically be used. Circuit power is
obtained from the vehicle via OBD pins 16 and 5 and,
after a protecting diode and some capacitive filtering,
is presented to a five volt regulator. (Note that a few
vehicles have been reported to not have a pin 5 – on
these you will use pin 4 instead of pin 5.) The regulator
powers several points in the circuit as well as an LED
(for visual confirmation that power is present). We
have shown a 78L05 for the regulator as that limits the
current available to about 100mA which is a safe value
for experimenting. The CAN interface is a low
impedance circuit however, and if doing sustained
transmissions on CAN, this type of regulator may
cause LV RESETs or possibly shut down on over-
temperature. Should you experience either of these
problems, you may want to consider using a 1 Amp
version of the regulator (ie 7805).
The top left corner of Figure 9 shows the CAN
interface circuitry. We do not advise making your own
interface using discrete components – CAN buses
may have a lot of critical information on them, and you
can easily do more harm than good if you fail. It is
strongly recommended that you use a commercial
transceiver chip as shown. The Microchip MCP2551 is
used in our circuit, but most major manufacturers
produce CAN transceiver ICs – look at the NXP
PCA82C251 (NXP was formerly Philips), the Texas
Instruments SN65LBC031, and the Linear Technology
LT1796, to name only a few. Be sure to pay attention
to the voltage limits – depending on the application,
you may have to tolerate 24V, not just 12V.
The next interface shown is for the ISO 9141 and
ISO 14230 connections. We provide two output lines,
as required by the standards, but depending on your
vehicle, you may not need to use the ISO-L output.
(Many vehicles do not require this signal for initiation,
but some do, so it is shown here.) If your vehicle does
not require the L line, simply leave pin 22 unused.
The ELM327 controls both of the ISO outputs
through NPN transistors Q6 and Q7 as shown. These
transistors have 510
Ω pullup resistors connected to
their collectors, as the standard requires. We are often
asked about substitutes for these resistors – if you
need to substitute, you can either go up to 560
Ω or
possibly make 510
Ω from two resistors (240Ω + 270Ω
1/4W resistors work well), but we do not recommend
using a lower value as it stresses every device on the
bus. Note that 1/2W resistors are specified in Figure
10 as a short at 13.8V causes about 0.4W dissipation.
Data is received from the K Line of the OBD bus
and connected to pin 12 after being reduced by the
R20/R21 voltage divider shown. Because of the
Schmitt trigger input on pin 12, these resistors will give
typical threshold levels of 9.1V (rising) and 4.7V
(falling), providing a large amount of noise immunity
while also protecting the IC. If you connect test
equipment in parallel with R21, it will cause these
thresholds to rise slightly, and you may begin to see
receive errors. Also, if you use a 9V test source, or the
vehicle’s battery voltage is low, you may also see
receive errors, or have problems connecting. If that
happens, we advise that you increase the value of R21
(33K
Ω is a good value to start with).
The final OBD interface shown is for the two
J1850 standards. The J1850 VPW standard needs a
positive supply of up to 8V while the J1850 PWM
needs 5V, so we have shown a two level supply that
can provide both. This dual voltage supply uses a
317L adjustable regulator as shown, controlled by the
pin 3 output. With the resistor values given, the
selected voltages will be about 7.5V and 5V, which
works well for most vehicles. The two J1850 outputs
are driven by the Q1-Q2 combination for the Bus+,
and Q3 for the Bus-.
The J1850 VPW input uses a resistor divider as
65 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com