Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 59 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 59 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 55Page - ELM Electronics ELM327P Datasheet HTML 56Page - ELM Electronics ELM327P Datasheet HTML 57Page - ELM Electronics ELM327P Datasheet HTML 58Page - ELM Electronics ELM327P Datasheet HTML 59Page - ELM Electronics ELM327P Datasheet HTML 60Page - ELM Electronics ELM327P Datasheet HTML 61Page - ELM Electronics ELM327P Datasheet HTML 62Page - ELM Electronics ELM327P Datasheet HTML 63Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
59 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
Using Higher RS232 Baud Rates
The RS232 serial interface has been maintained
throughout the ELM OBD products, largely due to its
versatility. Older computers, microprocessors and
PDAs can use it directly, as can USB, Bluetooth,
ethernet and wifi devices. It is simply one of the most
versatile interfaces available.
Most people will construct their ELM327 circuits
with an RS232 interface, mainly because it is relatively
easy and inexpensive to do. A circuit such as the one
shown in Figure 9 requires very few components and
works extremely well at speeds of up to 57600 bps.
Depending on your interface’s RS232 voltages, your
wiring practices, and your choice of components, it
may also work well at speeds as high as 115200 bps,
but that is the approximate limit of such a circuit, and
any design using this speed should be thoroughly
tested.
Users that would like to operate at speeds in the
range of 115200 bps or higher may wish to look at
some of the single IC solutions that are available.
These include
devices such as the ADM232A from
Analog
Devices
(http://www.analog.com/),
or
the
popular MAX232 series of ICs from Maxim Integrated
Products (http://www.maxim-ic.com/). These are all
excellent devices that can be used for speeds of up to
115.2 kbps. We do caution that many of these types of
devices are only rated for operation up to 120 kbps,
however, so may not be suitable for higher data rates -
be sure to check the manufacturers data sheet before
committing to a design.
An RS232 interface needs relatively large voltage
swings, which are difficult to maintain at higher rates
with large cable capacitances to contend with. (A
typical interface is often limited to about 230.4 kbps
under ideal conditions.) If you need to operate the
ELM327 at these speeds or higher, it is recommended
that you consider alternatives.
One popular alternative is a USB data connection.
The USB interface is capable of very high data transfer
rates, certainly much higher than the 500 kbps limit of
the ELM327. Several manufacturers offer special
‘bridge’ circuits that simplify connecting an RS232
device (such as the ELM327) directly to the USB bus.
Examples
are
the
CP2102
from
Silicon
Labs
(http://www.silabs.com/) or the FT232R from Future
Technology
Devices
(http://www.ftdichip.com/).
If
planning to use the higher baud rates (ie up to 500
kbaud), these interfaces are essential.
We are often asked if it is possible to use a direct
connection to a microprocessor. That is certainly an
option, and one that allows a full speed connection at
essentially zero cost. If you are developing such an
interface, refer to page 64 for more details.
The default configuration for the ELM327 provides
an RS232 data rate of either 9600 baud, or 38400
baud, depending on the voltage level at pin 6 during
power up or reset. While the 9600 baud rate is not
adjustable, the 38400 one is (beginning with v1.2 of
the IC). There are two ways that the rate can be
changed – either permanently with a Programmable
Parameter, or temporarily with an AT command.
Programmable Parameter ‘0C’ is the memory
location that allows you to store a new baud rate which
replaces the 38.4 kbps high speed rate. The value is
stored in ‘non-volatile’ memory (EEPROM) that is not
affected by power cycles or resets (but changing this
value may affect the operation of some software
packages, so be careful how you use it).
If you store a new value in PP 0C, then enable it,
and if pin 6 is at a high level during the next powerup,
then your stored rate will become the new data rate. (If
it has not been enabled, the rate will revert to the
factory default of 38.4 kbps.) As an example, perhaps
you would like to have the ELM327 use a baud rate of
57.6 kbps, rather than the factory setting of 38.4 kbps.
To do this, determine the required value for PP 0C,
store this value in PP 0C, and then enable the PP.
The value stored in PP 0C is actually an internal
divisor that is used to determine the baud rate (it will
be 4000 kbps divided by the value of PP 0C). To
obtain a setting of 57.6, a baud rate divisor of 69 is
required (4000/69 is approximately 57.6). Since 69 in
decimal is 45 in hexadecimal, you need to tell the
ELM327 to set the value of PP 0C to 45, with this
command:
>AT PP 0C SV 45
then enable the new value for use:
>AT PP 0C ON
from that point (until PP 0C is turned off), the default
data rate will be 57.6K, and not 38.4K. Note that the
value that you write does not become effective until
the next full reset (a power off/on, AT Z, or MCLR
pulse).
If you are designing your own circuitry, you will
know what your circuit is capable of, and can assign a
value to PP 0C. Software developers will not usually
know what hardware is to be connected, however, so
will not know what the limitations are. For these users,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com