Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 43 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 43 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics ELM327P Datasheet HTML 47Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
Multiline Responses (continued)
ELM327
43 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
protocol used to transmit it. For this reason, a copy of
the SAE J1979 standard would be essential if you are
planning to do a lot of work with this, for example if you
were writing software to display the received data.
The following shows an example of a different type
of multiline response that can occur when two or more
ECUs respond to one request. Here is a typical
response to an 01 00 request:
>01 00
41 00 BE 3E B8 11
41 00 80 10 80 00
This is difficult to decipher without knowing a little
more information. First, turn the headers on to actually
see ‘who’ is doing the talking:
>AT H1
OK
>01 00
48 6B 10 41 00 BE 3E B8 11 FA
48 6B 18 41 00 80 10 80 00 C0
Now, if you analyze the header, you can see that
the third byte shows ECU 10 (the engine controller)
and ECU 18 (the transmission) are both responding
with a reply to the 01 00 request. With modern
vehicles, this type of response occurs often, and you
should be prepared for it.
A final example shows how similar messages
might occasionally be ‘mixed up’ in a CAN system. We
ask the vehicle for the Calibration ID (09 04) and are
presented with the following response:
>09 04
013
0: 49 04 01 35 36 30
1: 32 38 39 34 39 41 43
013
0: 49 04 01 35 36 30
2: 00 00 00 00 00 00 31
1: 32 38 39 35 34 41 43
2: 00 00 00 00 00 00 00
which is quite confusing. The first group (the 013, 0:, 1:
group) seems to make some sense (but the number of
data bytes do not agree with the response), and the
following group is very confusing, as it has two
segment twos. It seems that two ECUs are responding
and the information is getting mixed up. Which ECU do
the responses belong to? The only way to know is to
turn on the headers, and repeat your request:
>AT H1
OK
>09 04
7E8 10 13 49 04 01 35 36 30
7E8 21 32 38 39 34 39 41 43
7E9 10 13 49 04 01 35 36 30
7E8 22 00 00 00 00 00 00 31
7E9 21 32 38 39 35 34 41 43
7E9 22 00 00 00 00 00 00 00
This time, the order appears to be the same, but
be aware that it may not be – that is why the standard
requires that sequence codes be transmitted with
multiline responses.
Looking at the first digits of these responses, you
can see that some begin with 7E8, and some begin
with 7E9, which are the CAN IDs representing ECU#1
and ECU#2, respectively. Grouping the responses by
ECU gives:
7E8 10 13 49 04 01 35 36 30
7E8 21 32 38 39 34 39 41 43
7E8 22 00 00 00 00 00 00 31
and
7E9 10 13 49 04 01 35 36 30
7E9 21 32 38 39 35 34 41 43
7E9 22 00 00 00 00 00 00 00
From these, the messages can be assembled in
their proper order. To do this, look at the byte following
the CAN ID - it is what is known as the PCI byte, and
is used to tell what type of data follows. In this case,
the PCI byte begins with either a 1 (for a ‘First Frame’
message), or a 2 (for the ‘Consecutive Frames’). The
second half of the PCI byte shows the order in which
the information is to be assembled (ie. the segment
number). In this case, the segment numbers are
already in order, but if they had not been, it would
have been necessary to rearrange the messages to
place them in order.
Each OBD standard has some minor peculiarities,
but hopefully this has helped you with some of the
more common ones. If you are still having trouble, we
urge you to purchase the relevant standard, and study
it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com