Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 74 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 74 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 68Page - ELM Electronics ELM327P Datasheet HTML 69Page - ELM Electronics ELM327P Datasheet HTML 70Page - ELM Electronics ELM327P Datasheet HTML 71Page - ELM Electronics ELM327P Datasheet HTML 72Page - ELM Electronics ELM327P Datasheet HTML 73Page - ELM Electronics ELM327P Datasheet HTML 74Page - ELM Electronics ELM327P Datasheet HTML 75Page - ELM Electronics ELM327P Datasheet HTML 76Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
74 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Error Messages and Alerts (continued)
message, but it was only displayed when a protocol
initiation or search was interrupted. As of version 1.4,
the message is printed any time that an OBD task is
interrupted.
UNABLE TO CONNECT
The ELM327 has tried all of the available
protocols, and could not detect a compatible one. This
could be because your vehicle uses an unsupported
protocol, or could be as simple as forgetting to turn the
ignition key on. Check all of your connections, and the
ignition, then try the command again.
Outline Diagrams
The diagrams at the right show the two package
styles that the ELM327 is available in.
The first shows our ELM327P product in what is
commonly called a ‘300 mil skinny DIP package’. It is
used for through hole applications.
The ELM327SM package shown at right is also
sometimes referred to as 300 mil, and is often called
an SOIC package. We have chosen to simply refer to
it as an SM (surface mount) package.
The drawings shown here provide the basic
dimensions for these ICs only. Please refer to the
following Microchip Technology Inc. documentation for
more detailed information:
• Microchip Packaging Specification, document name
en012702.pdf (7.5MB). At the www.microchip.com
home page, click on Packaging Specifications, or go
to www.microchip.com/packaging
• PIC18F2480/2580/4480/4580 Data Sheet, document
name 39637d.pdf (8.0MB). At the www.microchip.com
home page, click on Data Sheets, then search for
18F2480.
All rights reserved. Copyright 2005 to 2010 by Elm Electronics Inc.
Every effort is made to verify the accuracy of information provided in this document, but no representation or warranty can be
given and no liability assumed by Elm Electronics with respect to the accuracy and/or use of any products or information
described in this document. Elm Electronics will not be responsible for any patent infringements arising from the use of these
products or information, and does not authorize or warrant the use of any Elm Electronics product in life support devices and/or
systems. Elm Electronics reserves the right to make changes to the device(s) described in this document in order to improve
reliability, function, or design.
Note: all dimensions shown are in mm.
2.54
ELM327P
max
10.92
7.24
7.50
ELM327SM
10.30
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com