Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 68 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 68 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 64Page - ELM Electronics ELM327P Datasheet HTML 65Page - ELM Electronics ELM327P Datasheet HTML 66Page - ELM Electronics ELM327P Datasheet HTML 67Page - ELM Electronics ELM327P Datasheet HTML 68Page - ELM Electronics ELM327P Datasheet HTML 69Page - ELM Electronics ELM327P Datasheet HTML 70Page - ELM Electronics ELM327P Datasheet HTML 71Page - ELM Electronics ELM327P Datasheet HTML 72Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
Resistors (1/8W or greater, except as noted)
R32, R33= 100
Ω
R5 = 240
Ω
R1, R2, R3, R4, R27, R28, R29, R30 = 470
Ω
R17, R19 = 510
Ω 1/2W
R16, R18 = 2.2 K
Ω
R6, R7, R14, R15, R23, R26, R31 = 4.7 K
Ω
R8, R9, R11, R13, R22, R24, R25, R35 = 10 K
Ω
R10, R21, R36 = 22 K
Ω
R20, R34 = 47 K
Ω
R12 = 100 K
Ω
Misc
X1 = 4.000MHz crystal
RS232 Conn = DB9F
IC Socket = 28pin 0.3’ (or 2 x 14pin)
Semiconductors
D1 = 1N4001
D2, D3, D4, D5 = 1N4148
L1, L2, L3, L4 = Yellow LED
L5 = Green LED
Q1, Q3, Q5, Q6, Q7, Q9 = 2N3904 (NPN)
Q2, Q4, Q8 = 2N3906 (PNP)
U1 = ELM327
U2 = MCP2551
U3 = 78L05 (5V, 100mA regulator)
U4 = 317L (adjustable 100mA regulator)
Capacitors (16V or greater, except as noted)
C1, C5 = 0.1uF 50V
C2, C6, C7 = 0.1uF
C3, C4 = 27pF
C8, C9 = 560pF 50V
Figure 10. Parts List for Figure 9
Example Applications (continued)
68 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
been eliminated. The voltage switching circuitry has
been reduced to a single 8V regulator as well, since
there will be no need to switch to 5V. Note that pin 3
has been intentionally left open-circuited as it is not
required by the voltage regulator.
The first time that this circuit is used, it will likely be
set to protocol 0, the default ‘automatic search’ mode
of operation (as shipped from the factory). When you
connect it to the J1850 VPW vehicle, it will then
automatically detect the protocol, and if the memory is
enabled (as shown), J1850 VPW will then become the
new default, with no action required by you. This will
work well for most applications, but if the circuit is used
on a vehicle with the key off, for example, then it will
again go searching for a new protocol. In general, you
do not want this to happen every time. It may be only a
minor inconvenience to have to wait while the ELM327
determines that it is ‘UNABLE TO CONNECT’, but why
go through it if you do not have to? If you know that
you will be using the circuit in a J1850 VPW only
application (protocol 2) then you should issue the
command AT SP 2 the very first time that the circuit is
powered. From that point on, the ELM327 will remain
set for protocol 2, whether it fails to make a connection
or not.
Depending on the circumstances, you may be able
to simplify this circuit even further, by possibly using
the USB connection to obtain 5V for the ELM327,
rather than the 78L05 regulator shown. We caution
that some protocols (CAN for example), may draw
more current than your USB connection is able to
supply, so review this first.
This has provided two examples of how the
ELM327 integrated circuit might be used. Hopefully it
has been enough to get you started on your way to
many more. The following section shows how you
might be able to optimize these circuits to reduce
power consumption…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com