Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 66 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 66 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 62Page - ELM Electronics ELM327P Datasheet HTML 63Page - ELM Electronics ELM327P Datasheet HTML 64Page - ELM Electronics ELM327P Datasheet HTML 65Page - ELM Electronics ELM327P Datasheet HTML 66Page - ELM Electronics ELM327P Datasheet HTML 67Page - ELM Electronics ELM327P Datasheet HTML 68Page - ELM Electronics ELM327P Datasheet HTML 69Page - ELM Electronics ELM327P Datasheet HTML 70Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
was used for the ISO input. Typical threshold voltages
with the resistors shown will be about 4.2V (rising) and
2.2V (falling). The J1850 PWM input is a little different
in that it must convert a differential input into a single-
ended one for use by the ELM327. In operation, Q4 is
actually used as the difference amplifier. The Q4-D3
series circuit sets a threshold voltage of about 1V (for
noise immunity), while R11 limits the current flow, and
R12 keeps Q4 off when the input is left open-circuited.
Resistor R36 has been added to the circuit of
Figure 9, to help turn transistor Q4 off more rapidly in
certain circumstances. The resistor is generally not
required, but it may be helpful if you are connected to
a very high capacitance J1850 VPW system then force
the ELM327 to operate in the J1850 PWM mode, and
experience some false BUS ERRORs. We show the
resistor as an option and leave the choice whether to
install it up to you.
The voltage monitoring circuitry for the AT RV
command is shown in this schematic connected to pin
2 of the ELM327. The two resistors simply divide the
battery voltage to a safe level for the ELM327, and the
capacitor filters out noise. As shipped, the ELM327
expects a resistor divider ratio as shown, and sets
nominal calibration constants assuming that. If your
application needs a different range of values, simply
choose the resistor values to maintain the input within
the specified 0-5V limit, and then perform an AT CV to
calibrate the ELM327 to your new divider ratio. The
maximum voltage that the ELM327 can show is 99.9V.
A very basic RS232 interface is shown connected
to pins 17 and 18 of the ELM327. This circuit ‘steals’
power from the host computer in order to provide a full
swing of the RS232 voltages without the need for a
negative supply. The RS232 pin connections shown
are for a standard 9 pin connector. If you are using a
25 pin one, you will need to compensate for the
differences. The polarity of the ELM327’s RS232 pins
is such that they are compatible with standard
interface ICs (MAX232, etc.), so if you should prefer
such an interface, you can remove all of the discrete
components shown and use one of those.
The four LEDs shown (on pins 25 to 28) have
been provided as a visual means of confirming circuit
activity. They are not essential, but it is nice to see the
visual feedback when experimenting.
Finally, the crystal shown connected between pins
9 and 10 is a standard 4.000MHz microprocessor type
crystal. The 27pF crystal loading capacitors shown are
typical only, and you may have to select other values
depending on what is specified for the crystal that you
use. The crystal frequency is critical to circuit operation
and must not be altered.
We often receive requests for parts lists to
accompany our Example Applications circuits. Since
this circuit is more complex than most, we have
named/numbered all of the components and provided
a summary parts list (see Figure 10). Note that these
are only suggestions for parts. If you prefer another
LED colour, or have a different general purpose
transistor on hand, etc., by all means make the
change. A quick tip for those having trouble finding a
0.3’ wide socket for the ELM327: many of the standard
14 pin sockets can be placed end-to-end to form one
0.3’ wide 28 pin socket. For more help with building
and testing the circuit, see our Application Note AN02 -
ELM327 Circuit Construction.
What if you only want to use one of the protocols?
What if you want to use a USB interface? These are
common questions that we receive, and both are
addressed in Figure 11.
There are a few single IC products on the market
that allow you to connect an RS232 system directly to
USB. We have shown the CP2102 by Silicon
Laboratories (http://www.silabs.com) in Figure 11, but
there are others available as well – Future Technology
Devices
(http://www.ftdichip.com),
for
example,
produces several. These ICs provide a very simple
and relatively inexpensive way to ‘bridge’ between
RS232 and USB, and as you can see, require very few
components to support them.
If using the CP2102, we do caution that it is very
small and difficult to solder by hand, so be prepared
for that. Also, if you provide protection on the data
lines with transient voltage suppressors (TVS’s), be
careful of which ones you choose, as some exhibit a
very large capacitance and will affect the transmission
of the USB data. Note also that the circuit as
presented will operate at a 38400 bits per second rate.
If you want to take full advantage of the speed of the
USB interface, you will need to change PP 0C to
obtain a higher baud rate.
Considering the OBD protocol portions of the
circuits in Figures 9 and 11, the differences should be
very apparent. The unused protocols in Figure 11 have
simply had their outputs ignored (left open circuit), and
their inputs wired to logic levels as shown on page 5.
Note that CMOS inputs must never be left floating.
The circuit maintains the status LEDs, and the
J1850 Bus+ circuitry, but the majority of the rest has
Example Applications (continued)
66 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com